Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TKE Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TKE
Description  1W 1KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TKE Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TKE Datasheet HTML 1Page - Toppower Electronic Technology Limited TKE Datasheet HTML 2Page - Toppower Electronic Technology Limited TKE Datasheet HTML 3Page - Toppower Electronic Technology Limited TKE Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TKE Series
www.gztoppower.com
TEL:020-61038836
EMAIL:sales@gztoppower.com
page 2 of 4
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
3.3V input
2.9
3.3
3.6
V
Voltage range
5V input
4.5
5.0
5.5
V
Voltage range
12V input
11
12.0
13.3
V
Voltage range
24V input
21.6
24
26.4
V
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection
1 second
Lead temperature 1.5mm from case for 10 seconds
300℃
Internal power dissipation
520mW
Input voltage Vin, TKE03
5.5V
Input voltage Vin, TKE05
7V
Input voltage Vin, TKE12
15V
Input voltage Vin, TKE24
28V
All specifications typical at TA=25℃, nominal input voltage and rated output current unless otherwise specified.
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Max.
Units
Rated Power
TA= -40℃ to 85℃, see derating graphs
1.0
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High Vin to low Vin
1.2
%/%
Load Regulation(10% load to rated load)
3.3V output types & 0309
15
%
Load Regulation(10% load to rated load)
5V output types
15
%
Load Regulation(10% load to rated load)
9V output types
10
%
Load Regulation(10% load to rated load)
12V output types
10
%
Load Regulation(10% load to rated load)
15V output types
9
%
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage DIP package
tested for 1 second
3000
VDC
Isolation test voltage SIP package
tested for 1 second
1000
VDC
Resistance
Viso= 1000VDC
1
GΩ
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
All output types
120
kHz
TEMPER ATURE CHARACTRISTICS
Specification
Conditions
Min.
Typ.
Max.
Units
Specification
All output types
-40
85
℃
Storage
-50
130
℃
Case temperature rise above ambient
0505D/S, 1205D/S
35
℃
Case temperature rise above ambient
All other output types
Cooling
Free air convection
TOPPOWER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com