Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP03AA Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TP03AA
Description  3W 2.5KV Isolation Wide Input AC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP03AA Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TP03AA Datasheet HTML 1Page - Toppower Electronic Technology Limited TP03AA Datasheet HTML 2Page - Toppower Electronic Technology Limited TP03AA Datasheet HTML 3Page - Toppower Electronic Technology Limited TP03AA Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TP03AA Series
www.gztoppower.con
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 3 / 4
Pin
Single
Output
Dual
Output
Isolated Twin
Output
1
Vo
Vo1
+Vo1
2
NC
NC
NC
3
GND
GND
-Vo1
4
P
P
P
5
NC
Vo2
+Vo2
6
GND
GND
-Vo2
7
N
N
N
8
L
L
L
MODEL SELECTION
* Pin not fitted on single output variants
Units:mm
Tolerance:±0.2mm
16.50
37.00
8.00
1.00
15.80 18.50
19.00
6.35
5.08
2.54
3.18
1
2
3
4
5
6
7
8
底视图
TP 03
A A 220 D
05 W
W:4:1 Wide voltage input range
Main (auxiliary) output voltage
S:single output, D:Dual output
Rated input voltage
Package type
AC-DC
Rated output power
Brand name
TP 03
A A 220 T 05 D 12 W
W:4:1 Wide voltage input range
Auxiliary Output Voltage
D: Auxiliary is dual output
Main Road output voltage
S:single output D:Dual output T:Triple
output
Rated input voltage
Package type
AC-DC
Rated output power
Brand name
W:4:1 Wide voltage input range
Auxiliary output voltage
P: Auxiliary is positive output voltage
Main Road output voltage
S:single output D:Dual output T:Triple
Outpu
S:
Rated input voltage
Package type
AC-DC
Rated output power
Brand name
TP 03
A
A 220 T 05 P 12 W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com