Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP2L24D09S Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TP2L24D09S
Description  2W Isolated Wide Input Single And Dual Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP2L24D09S Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TP2L24D09S Datasheet HTML 1Page - Toppower Electronic Technology Limited TP2L24D09S Datasheet HTML 2Page - Toppower Electronic Technology Limited TP2L24D09S Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TP2L Series
www.gztoppower.com
TEL:00-86-20-82019000
EMAIL:sales2@gztoppower.com
page 3 / 3
MECHANICAL DIMENSIONS
PIN CONNECTIONS
Pin
Single
Dual
1
GND
GND
2
Vin
Vin
3
CTRL
CTRL
5 *
NC
NC
6
+V0
+V0
7
0V
0V
8
CS
-V0
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
SOLDERING INFORMATION
TEMPERATURE DERATING GRAPHS
This series is compatible with RoHS soldering systems with a peak wave
solder temperature of 300℃for 10 seconds. The series is backward
compatible with Sn/Pb soldering systems.
Weight: 5.0g
All dimensions in mm±0.25mm. All pins on a 2.54mm pitch and
within±0.25mm of true position.
Unless otherwise stated all dimensions in mm ±0.5mm.
All dimensions in mm ±0.5mm.
Tube length : 520mm ±2mm .
Tube Quantity:15
0.60±0.15
1.50
5.20
5.00
6.00
14.20
7 孔
1.00
1.15
2.54
2.54
7HOLES
1.5
1.0
0.5
0
-40
0
50
100
150
Ambient Temperature(° C)
85° C
Safe Operating Area
*This pin must have no external connection.
0.30
0.20
3.20
0.55
0.45
11.10
9.20
TP2L1212S
YYWW
4.60
3.60
2.54
0.55
0.45
2.01±0.50
21.80
1
2
3
5
6
7
8
bottom view
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com