Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP30DG Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP30DG
Description  30W Wide Voltage Input DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP30DG Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP30DG Datasheet HTML 1Page - Toppower Electronic Technology Limited TP30DG Datasheet HTML 2Page - Toppower Electronic Technology Limited TP30DG Datasheet HTML 3Page - Toppower Electronic Technology Limited TP30DG Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TP30DG Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 2 /4
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
GENERAL CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Isolation voltage
Input to output
500
1500
VDC
Insulation resistance
Input to output
100M
Ohm
Seismic
10~55Hz
5
G
MTBF
MIL-HDBK-217F2
5*10
5
hrs
Over-current protection mode
All input range
Burp, Automatic recovery
Cooling
Free air convection
Case material
Metal case
OUTPUT CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Voltage accuracy
Io=0.1 1.0 x Ionom Vi=Vi rated
±1
%
Line regulation
Vimin≤Vi≤Vimax
±0.2
%
Load regulation
Io=0.1 1.0 x Ionom
Vimin≤ Vi≤Vimax
±0.5
%
Auxiliary voltage accuracy
Main Load and auxiliary load differ 25%,the
auxiliary circuit of the load carrying at least 25%,
the main circuit running the full load
±3
%
Ripple and noise
20MHz bandwidth
±1
%
Over-current protection
Vimin≤Vi≤Vimax
120
%
Output voltage trim range
Vimin≤Vi≤Vimax
10
%
Transient recovery time
25% load changes
±5
%
Transient overshoot time
25% load changes
400
us
Switch frequency
Vimin≤Vi≤Vimax
300
KHz
INPUT CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Startup voltage
The12V input module(9V-18V)
9.2
9.5
9.8
VDC
Startup voltage
The24V input module(18V-36V)
18
VDC
Startup voltage
The48Vinput module(36V-72V)
36
VDC
Startup voltage
The24V input module(9V-36V)
8.8
9
9.3
VDC
Startup voltage
The48Vinput module(18V-72V)
18
VDC
Input under voltage protection
The12V input module(9V-18V)
8.5
VDC
Input under voltage protection
The24V input module(18V-36V)
17
VDC
Input under voltage protection
The48Vinput module(36V-72V)
35
VDC
Startup time
Output rise time from 5% to 100%
20
ms
Remote control CTL
Remote CTL-Vin
Remote control CTL
Remote CTL NC(The control level 12V-40V)
Turn on
ENVIRONMENT CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Environment temperature
industrial-class
-25
+55
Maximum case temperature
industrial-class
+85
Storage temperature
Industry-class/ Military JI&JII class
-40
+105
Relative humidity
No condensation
5
90
RH(%
Temperature coefficient
±0.02
%/℃
Module in every environment temperature rating, case temperature under shall not exceed the maximum case temperature level.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com