Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPB-2W Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TPB-2W
Description  2W 3KVDC Isolation Regulated Single Output DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPB-2W Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TPB-2W Datasheet HTML 1Page - Toppower Electronic Technology Limited TPB-2W Datasheet HTML 2Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.gztoppower.con
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
Page 2 /2
TPB Series
All dimensions in mm ±0.025.All pins on a 2.54mm pitch.
Weight: 2.8g
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Tested for 1 minute and 1mA max
3000
VDC
Isolation resistance
Test at 1000VDC
1
G
TEMPERATURE DERATING GRAPHS
RECOMMENDED FOOTPRINT DETAILS
APPLICATION NOTE
Requirement on output load
To ensure this module can operate efficiently and reliably, During operation, the minimum output load could not be less than 10% of the full load. If the actual output
power is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load, or use our company’ s products with a lower rated
output power.
MECHANICAL DIMENSIONS
TUBE OUTLINE DIMENSIONS
PIN CONNECTIONS-7PIN SIP
Pin
Function
1
+Vin
2
-Vin
4
-Vout
6
+Vout
All dimensions in mm ±0.25.All pins on a 2.54mm pitch.
9.30
5.00
All dimensions in mm ±0.25mm Tube Quantity : 25
12.70
2.54
YYWW
TPB0505S
19.50
0.55
0.45
1
2
4
6
2.00
7.50
10.00
0.55
0.45
4.60
3.60
1.25
0.30
0.20
bottom view
TOPPOWER
4 HOLES
1.00
1.15
2.54
Safe Operating Area
85° C
Ambient Temperature(° C)
150
100
50
0
-40
0
1
2
3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com