| Electronic Components Datasheet Search |
|
1901775-1 Datasheet(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
1901775-1 Datasheet(HTML) 2 Page - Tyco Electronics |
|
2 / 3 page ![]() 408- 9809 Retrofit Kits 59907- [ ], 1901775- 1, 1901776- 1, and 1901777- 1 Rev C 2 of 3 Tyco Electronics Corporation 4. Slide the grip sleeve approximately one--third of the way down the handle tube. The sleeve is a snug fit and may require some pressure to move it down the tube. 5. Remove the two button head screws securing the faceplate and switch assembly to the handle tube and lay aside (they are required for re--assembly). 6. Remove two screws securing the faceplate and discard. 7. Remove the faceplate and switch base (retain one of the 4--40¢.312 screws and the washer). 8. Solder the leads to the micro--switches and remove the micro--switches, switch mounting plate, trigger, and switch cover. It is best if the leads are desoldered; however, they may be cut if they are cut as closely to the solder joint as possible. Re--assembly requires as much lead length as possible. Otherwise, the wrap around the hydraulic hose has to be all removed and then replaced to slide the cable up to the handle control to gain more working length. 9. Discard the switch cover, trigger, switch mounting plate, micro--switches, switch base, and faceplate. 3.2. Assemble the Retrofit Kit (Figures 2 and 3) Prior to installing the retrofit kit, the replacement parts should be identified as well as the colors of the leads to be soldered to the replacement switches. Use the standard procedure for preparing leads for soldering then proceed as follows: 1. Place the conductors through the circular opening of the switch cover. 2. Pull the WHITE conductor through the opening marked RUN. 3. Pull the BLUE and ORANGE conductors through the opening marked DUMP. 4. Pull the RED and BLACK conductors through the opening marked RESET. 5. Pull one end of the BROWN wire through the opening marked RUN and its other end through the opening marked RESET. 6. Retain the GREEN wire (with the crimped ring terminal) inside the switch cover to attach later to the handle tube (this is a ground wire). Figure 2 WHITE BROWN BLUE ORANGE RED BLACK BROWN Common the Black Wire on These Tabs Green Switch Red Switch Yellow Switch NOTE i |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |