Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

408-10096 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 408-10096
Description  Using a 5mm hex wrench, install the mounting bracket on the servo terminator as shown in Figure 2.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

408-10096 Datasheet(HTML) 2 Page - Tyco Electronics

  408-10096 Datasheet HTML 1Page - Tyco Electronics 408-10096 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
408-10096
Terminal Lubricator Assembly 1752477-1
Rev B
2 of 2
Tyco Electronics Corporation
Figure 3
Also, some terminals may require “selective
lubrication.” The bowl assembly can be removed from
the mounting bracket, rotated 90
_, and re–installed.
To adjust the wick side–to–side, the bowl assembly
need not be fully seated in the bracket. The
thumbscrew can be loosened, the bracket shifted
slightly side to side, and the thumbscrew
re–tightened. An example of a terminal that benefits
from selective lubrication is shown in Figure 3.
3.2. End-Feed Installation
For end–feed applications, the lubricator bowl drops
into the terminator base as shown in figure 4.
Figure 4
The wick height may be adjusted vertically as desired
to remain in constant, or intermittent, contact with the
incoming terminal strip. Usually, intermittent contact is
sufficient as some lubrication residue may remain on
the crimp tooling for several cycles.
4. ADDING LUBRICANT
When the lubricator bowl is either empty or nearly
empty, unscrew the cap and refill with E807 lubricant.
This lubricant is available from:
Stoner Inc.
1070 Robert Fulton Hwy,
Quarryville, PA 17566
Phone: 800–227–5538
Fax: 717–786–9088
www.stonersolutions.com
Be sure the seal is in place in the cap before
reassembling to the bowl.
Wipe off any excess lubricant and place the bowl
assembly in the side– or end–feed position.
5. REPLACEMENT
It is recommended that a spare bowl and wick be kept
on hand.
The bowl part number is currently 1804265–1. The
wick part number is currently 1804374–1. These
numbers can also be found on drawings 1752477
(Terminal Lubrication Kit) and 1804265 (Lubricator
Assembly).
6. REVISION SUMMARY
Since the previous release of this document:
S Document format has been updated to current
corporate requirements
S Text reflects the AMPOMATOR System III
Leadmaker and AMP–O–LECTRIC Servo
Terminator III Machine
NOTE
i



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com