| Electronic Components Datasheet Search |
|
408-10366 Datasheet(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
408-10366 Datasheet(HTML) 2 Page - Tyco Electronics |
|
2 / 3 page ![]() 408- 10366 Electro- Hydraulic Hand Tool Adapter Assembly 2119483- 1 Rev A 2 of 3 Tyco Electronics Corporation 2. RECEIVING/INSPECTION Adapter Assembly 2119483--1 is thoroughly inspected during and after assembly. Prior to packaging and shipping a final series of tests and inspections is made to ensure proper function of the adapter. The following inspections should be performed as a safeguard against potential problems generated in transit. 1. In a well--lighted area, carefully unpack the adapter and inspect each component as it is unpacked. 2. Thoroughly inspect each component for evidence of damage that may have occurred in transit. If any of the components are damaged, file a claim against the carrier and notify Tyco Electronics immediately. It is IMPORTANT that these instructions, and other documents shipped with the tooling (e.g., drawings, parts lists, tooling manual, etc.), remain with the adapter, head, and hand tool for the benefit of personnel responsible for installation, operation, and maintenance. The adapter should be inspected at regularly scheduled intervals, depending on care, degree of operator skill, the type and size of product being crimped, and environmental conditions. 3. INSTALLATION/REMOVAL OF ADAPTER ASSEMBLY AND DAHT II HEADS Do not operate the Electro--Hydraulic Hand Tool without the DAHT head and adapter installed. Repeated operation in this manner may result in damage to the Electro--Hydraulic Hand Tool. To avoid personal injury, be sure to exercise extreme caution when handling the Electro--Hydraulic Hand Tool. Remove the power source (and release hydraulic pressure, if applicable ---- see 409--10095) before installing or removing the DAHT tool head or adapter assembly. 3.1. Adapter Installation/Removal Refer to the Electro--Hydraulic hand tool manual (409--10095) for instructions on installing and removing the adapter assembly and the crimping heads. Note that adapter 2119483--1 does not have a terminal grip thumb button. To remove the adapter, unscrew it completely and then pull the adapter away from the cylinder assembly. 3.2. DAHT Head Installation Removal A. Installation As supplied, the adapter assembly has two quick--release pins installed. Refer to Figure 1. The pins will be used to attach the DAHT Crimping Head to the DAHT Adapter Assembly. These pins must be removed prior to installing the DAHT crimp head. 1. Remove the quick--release pins (see Figure 1). 2. Insert the DAHT tool head into the adapter cavity. 3. Insert the two quick--release pins through the holes in the adapter housing and the holes in the two jaws of the DAHT crimp head. See Figure 1. The quick--release pins will “snap” into position when they are properly inserted. B. Removal 1. Remove the quick--release pins. 2. Remove the tool head from the adapter cavity. 4. OPERATION The following procedure provides only general information concerning crimping. Refer to the instructions packaged with the DAHT crimp head for detailed information, including wire stripping dimensions and instructions for positioning terminals and splices in the crimpers. To avoid personal injury, keep fingers clear of the crimping area. To operate the DAHT crimp head in the Electro--Hydraulic Hand Tool using the Adapter assembly, proceed as follows: 1. Insert the contact into the appropriate die cavity. 2. Pulse the trigger (Figure 1) to advance the lower tooling and hold the contact in place. Do not deform the terminal insulation or wire barrel. 3. Place a pre--stripped wire in the barrel of the contact. 4. Squeeze the tool trigger until the jaws release. When the jaws release, the crimp is complete. It is not necessary to continue to hold the trigger to retract the tooling. The tooling will retract automatically. NOTE i CAUTION ! DANGER NOTE i DANGER NOTE i |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |