Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSVBAT54SWT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NSVBAT54SWT1G
Description  Dual Series Schottky Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSVBAT54SWT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NSVBAT54SWT1G Datasheet HTML 1Page - ON Semiconductor NSVBAT54SWT1G Datasheet HTML 2Page - ON Semiconductor NSVBAT54SWT1G Datasheet HTML 3Page - ON Semiconductor NSVBAT54SWT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2016
June, 2016 − Rev. 11
Publication Order Number:
BAT54SWT1/D
1
BAT54SWT1G,
NSVBAT54SWT1G
Dual Series Schottky
Barrier Diodes
These Schottky barrier diodes are designed for high speed switching
applications, circuit protection, and voltage clamping. Extremely low
forward voltage reduces conduction loss. Miniature surface mount
package is excellent for hand held and portable applications where
space is limited.
Features
• Extremely Fast Switching Speed
• Low Forward Voltage − 0.35 Volts (Typ) @ IF = 10 mAdc
• NSV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TJ = 125°C unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
30
V
Forward Power Dissipation
@ TA = 25°C
Derate above 25
°C
PF
200
1.6
mW
mW/
°C
Forward Current (DC)
IF
200 Max
mA
Non−Repetitive Peak Forward Current
tp < 10 msec
IFSM
600
mA
Repetitive Peak Forward Current
Pulse Wave = 1 sec,
Duty Cycle = 66%
IFRM
300
mA
Junction Temperature
TJ
− 55 to 125
°C
Storage Temperature Range
Tstg
− 55 to +150
°C
Electrostatic Discharge
ESD
HM < 8000
MM < 400
V
V
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
www.onsemi.com
30 VOLT
DUAL SERIES SCHOTTKY
BARRIER DIODES
3
CATHODE/ANODE
1
ANODE
2
CATHODE
Device
Package
Shipping†
ORDERING INFORMATION
BAT54SWT1G
SOT−323
(Pb−Free)
3,000 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SOT−323
CASE 419
STYLE 9
MARKING DIAGRAM
B8M
G
G
B8
= Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation may vary depending up-
on manufacturing location.
1
NSVBAT54SWT1G
SOT−323
(Pb−Free)
3,000 /
Tape & Reel


Similar Part No. - NSVBAT54SWT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSVBAT54SWT1G ONSEMI-NSVBAT54SWT1G Datasheet
135Kb / 4P
Dual Series Schottky Barrier Diodes
November, 2011 ??Rev. 10
NSVBAT54SWT1G ONSEMI-NSVBAT54SWT1G Datasheet
170Kb / 5P
Dual Series Schottky Barrier Diodes
April, 2019 ??Rev. 12
NSVBAT54SWT1G ONSEMI-NSVBAT54SWT1G Datasheet
175Kb / 5P
Dual Series Schottky Barrier Diodes
December, 2022 - Rev. 13
More results

Similar Description - NSVBAT54SWT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAT54SWT1 LRC-BAT54SWT1 Datasheet
61Kb / 2P
Dual Series Schottky Barrier Diodes
LBAT54LT1 LRC-LBAT54LT1 Datasheet
76Kb / 3P
Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
BAT54CTT1 ONSEMI-BAT54CTT1 Datasheet
48Kb / 4P
Dual Series Schottky Barrier Diodes
October, 2005 ??Rev. 2
BAT54CLT1 ONSEMI-BAT54CLT1 Datasheet
51Kb / 4P
Dual Series Schottky Barrier Diodes
September, 2005 ??Rev. 3
logo
Leshan Radio Company
LBAT54AWT1G LRC-LBAT54AWT1G Datasheet
94Kb / 3P
Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
SBAT54SLT1G ONSEMI-SBAT54SLT1G Datasheet
121Kb / 4P
Dual Series Schottky Barrier Diodes
November, 2011 ??Rev. 15
logo
Leshan Radio Company
LBAT54SWT1G LRC-LBAT54SWT1G_15 Datasheet
201Kb / 3P
Dual Series Schottky Barrier Diodes
LRB715FT1G LRC-LRB715FT1G Datasheet
236Kb / 3P
Dual Series Schottky Barrier Diodes
logo
First Silicon Co., Ltd
FDR54SE FS-FDR54SE Datasheet
246Kb / 3P
Dual Series Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
BAT54SW AITSEMI-BAT54SW Datasheet
730Kb / 6P
SCHOTTKY DIODES DUAL SERIES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com