Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25RIA Datasheet(PDF) 2 Page - International Rectifier

Part # 25RIA
Description  MEDIUM POWER THYRISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

25RIA Datasheet(HTML) 2 Page - International Rectifier

  25RIA Datasheet HTML 1Page - International Rectifier 25RIA Datasheet HTML 2Page - International Rectifier 25RIA Datasheet HTML 3Page - International Rectifier 25RIA Datasheet HTML 4Page - International Rectifier 25RIA Datasheet HTML 5Page - International Rectifier 25RIA Datasheet HTML 6Page - International Rectifier 25RIA Datasheet HTML 7Page - International Rectifier 25RIA Datasheet HTML 8Page - International Rectifier 25RIA Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
25RIA Series
2
www.irf.com
Bulletin I2402 rev. A 07/00
Voltage
V
DRM/VRRM, max. repetitive
V
RSM , maximum non-
I
DRM/IRRM max.
Type number
Code
peak and off-state voltage (1)
repetitive peak voltage (2)
@ T
J = TJ max.
VV
mA
10
100
150
20
20
200
300
40
400
500
60
600
700
25RIA
80
800
900
10
100
1000
1100
120
1200
1300
140
1400
1500
160
1600
1700
I
T(AV)
Max. average on-state current
25
25
A
180° sinusoidal conduction
@ Case temperature
85
85
°C
I
T(RMS)
Max. RMS on-state current
40
40
A
I
TSM
Max. peak, one-cycle
420
398
A
t = 10ms
No voltage
non-repetitive surge current
440
415
t = 8.3ms
reapplied
350
335
t = 10ms
100% V
RRM
370
350
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
867
795
A2s
t = 10ms
No voltage
Initial T
J = TJ max.
790
725
t = 8.3ms
reapplied
615
560
t = 10ms
100% V
RRM
560
510
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
8670
7950
A2
√s
t = 0.1 to 10ms, no voltage reapplied, T
J = TJ max.
V
T(TO)1
Low level value of threshold
0.99
0.99
V
(16.7% x
π x I
T(AV) < I < π x IT(AV)), TJ = TJ max.
voltage
V
T(TO)
2
High level value of threshold
1.40
1.15
(I >
π x I
T(AV)), TJ = TJ max.
voltage
r
t1
Low level value of on-state
10.1
11.73
m
Ω
(16.7% x
π x I
T(AV) < I < π x IT(AV)), TJ = TJ max.
slope resistance
r
t2
High level value of on-state
5.7
10.05
(I >
π x I
T(AV)), TJ = TJ max.
slope resistance
V
TM
Max. on-state voltage
1.70
---
V
I
pk= 79 A, TJ = 25°C
---
1.80
I
H
Maximum holding current
130
mA
T
J = 25°C. Anode supply 6V, resistive load,
I
L
Latching current
200
25RIA
10 to 120
140 to 160
Parameter
Units
Conditions
ELECTRICAL SPECIFICATIONS
Voltage Ratings
On-state Conduction
(1) Units may be broken over non-repetitively in the off-state direction without damage, if dI/dt does not exceed 20A/µs
(2) For voltage pulses with t
p ≤ 5ms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com