Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTD Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # RTD
Description  Temperature Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RTD Datasheet(HTML) 1 Page - TE Connectivity Ltd

  RTD Datasheet HTML 1Page - TE Connectivity Ltd RTD Datasheet HTML 2Page - TE Connectivity Ltd RTD Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SENSOR SOLUTIONS /// STATOR RTD
10//2015
Page 1
Specifications
Variety of Configurations
Single and Dual Elements
Custom Designs Available with:
» Specific Dimensions
» Side Exit
» Paddle Style
» High Accuracy
» Special Cable or Leadwires
The Stator RTD Sensor is a rectangular, flat, laminated sensors
commonly called “Stator Sticks” because they are inserted between the
coils in the stator of a motor. These averaging type sensors are used
in electric motors and generators for continuous sensing of the
temperature and provide for consistent thermal monitoring without false
alarms. Many sizes are in stock or we can customize for your
application. Measurement Specialties’ Stator RTD sensors are built to
meet the specifications of ANSI C50.10-1990, general requirements for
synchronous motors. We can build to your specifications!
Features
Rear Exit, Epoxy Glass Laminated
Elements, Single and Dual:
» Platinum, Copper, Nickel
 Custom Body Thickness: .030” to .375”
»
Standard: .030”, .050”, .078”, .093”, .125”
 Custom BodyWidths: .250” to 2.50”
»
Standard: .260”, .305”, .344”, .455”, .500”, .625”
Leadwire/Cable Options
STATOR RTD
Temperature Sensor


Similar Part No. - RTD

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
RTD WELWYN-RTD Datasheet
173Kb / 2P
Platinum Temperature Sensor
logo
Electronic devices inc.
RTD EDI-RTD Datasheet
47Kb / 2P
100mA SILICON CARTRIDGE RECTIFIERS
logo
TT Electronics.
RTD TTELEC-RTD Datasheet
543Kb / 2P
High stability Platinum based sensor
logo
IET Labs Inc.
RTD IET-RTD Datasheet
161Kb / 1P
Precision Resistance Temperature Detector Simulator
November 2015
logo
Omega Engineering, Inc.
RTD OMEGA-RTD Datasheet
1Mb / 1P
RTD and Thermistor Extension Cables
More results

Similar Description - RTD

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
TEMPERATURE SENSOR
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
Temperature sensor
JUNE 2007
logo
Thinking Electronic Ind...
PTLS2101RP416 THINKING-PTLS2101RP416 Datasheet
420Kb / 7P
Temperature Sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
TEMPERATURE SENSOR
logo
Integrated Device Techn...
TS3000GB0A0 IDT-TS3000GB0A0 Datasheet
706Kb / 25P
Temperature Sensor
TS3001GB2A0 IDT-TS3001GB2A0 Datasheet
523Kb / 23P
Temperature Sensor
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
Temperature Sensor
logo
Analog Devices
AD7291 AD-AD7291_17 Datasheet
572Kb / 29P
Temperature Sensor
07-Sep-2017
logo
TRACO Electronic AG
TBL-BC-TS1 TRACOPOWER-TBL-BC-TS1 Datasheet
219Kb / 1P
Temperature Sensor
Rev. June 30, 2021
TSP-TS TRACOPOWER-TSP-TS Datasheet
230Kb / 1P
Temperature Sensor
Rev. June 30, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com