Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5191BML Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC5191BML
Description  Ultra High-Speed, High-Current Active Filter/LDO Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5191BML Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC5191BML Datasheet HTML 5Page - Micrel Semiconductor MIC5191BML Datasheet HTML 6Page - Micrel Semiconductor MIC5191BML Datasheet HTML 7Page - Micrel Semiconductor MIC5191BML Datasheet HTML 8Page - Micrel Semiconductor MIC5191BML Datasheet HTML 9Page - Micrel Semiconductor MIC5191BML Datasheet HTML 10Page - Micrel Semiconductor MIC5191BML Datasheet HTML 11Page - Micrel Semiconductor MIC5191BML Datasheet HTML 12Page - Micrel Semiconductor MIC5191BML Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MIC5191
Micrel
April 2004
10
M9999-042804
ource threshold specified in most MOSFET data sheets
refers to the minimumvoltage needed to fully enhance the
MOSFET. Although for the most part, the MOSFET will be
operating in the linear region and the V
GS (gate-source
voltage) will be less than the fully enhanced V
GS, it is
recommended the V
CC voltage has 2V over the minimum
V
GS and output voltage. This is due to the saturation
voltage of the MIC5191 output driver.
V
CC1,2 ≥ 2V + VGS + VOUT
For our example, with a 1.5V output voltage, our MOSFET is
fully enhanced at 4.5V
GS, our VCC voltage should be greater
or equal to 8V.
Input Capacitor
Good input bypassing is important for improved perfor-
mance. Low ESR and low ESL input capacitors reduce both
the drain of the N-Channel MOSFET, as well as the source
impedance to the MIC5191. When a load transient on the
output occurs, the load step will also appear on the input.
Deviations on the input voltage will be reduced by the
MIC5191’s PSRR, but nonetheless appear on the output.
There is no minimum input capacitance, but for optimal
performance it is recommended that the input capacitance be
equal to or greater than the output capacitance.
Output Capacitor
The MIC5191 is stable with any type or value of output
capacitor (even without any output capacitor!). This allows
the output capacitor to select which parameters of the regu-
lator are important. In cases where transient response is the
most important, low ESR and low ESL ceramic capacitors are
recommended. Also, the more capacitance on the output, the
better the transient response.
Figure 9. Post Regulator
4
5
3
1
2
VIN
EN/UVLO
CSH
VOUT
FB
LSD
560pF
8.06k
BST
COMP
6
HSD
12
VSW
11
GND
D1
SD103BWS
2.2
µF
10V
0.1
µF
10
8
VDD
7
U1 MIC2198-BML
9
100pF
11.5k
100k
VOUT
VOUT
CSH
J2
EN
J1
+VIN
VIN
CSH
VOUT
10k
10k
10
Ω
10
Ω
1
µF
25V
330
µF
16V
10
µF 10µF
10
µF
10
µF
10
µF
22
µF
1VOUT @10A
D2
1N5819HW
IRF7821
IRF7821
L1
1.8
µH
CDEP134-1R8MC-H
12.4k
330
µF
Tantalum
OUT
VCC1
VCC2
VIN
FB
ISENSE
COMP
GND
10nF
100
Ω
10
Ω
MIC5191
1
µF
VOUT
12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com