Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5212 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5212
Description  Dual 500mA LDO Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5212 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5212 Datasheet HTML 1Page - Micrel Semiconductor MIC5212 Datasheet HTML 2Page - Micrel Semiconductor MIC5212 Datasheet HTML 3Page - Micrel Semiconductor MIC5212 Datasheet HTML 4Page - Micrel Semiconductor MIC5212 Datasheet HTML 5Page - Micrel Semiconductor MIC5212 Datasheet HTML 6Page - Micrel Semiconductor MIC5212 Datasheet HTML 7Page - Micrel Semiconductor MIC5212 Datasheet HTML 8Page - Micrel Semiconductor MIC5212 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MIC5212
Micrel
MIC5212
4
April 2003
0
100
200
300
400
500
600
700
800
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
S/C Current
vs. Temperature
3.275
3.280
3.285
3.290
3.295
3.300
3.305
3.310
3.315
3.320
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Output Voltage
vs. Temperature
0
50
100
150
200
250
300
350
400
450
500
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Dropout Voltage
vs. Temperature
500mA
150mA
300mA
0
50
100
150
200
250
300
350
OUTPUT CURRENT (mA)
Dropout Voltage
vs. Load Current
0
2
4
6
8
10
12
14
0
100
200
300
400
500
OUTPUT CURRENT (mA)
Ground Current
vs. Load
Typical Characteristics
0
10
20
30
40
50
60
70
80
90
FREQUENCY (Hz)
MIC5212-3.3 PSRR
150mA Load
C
OUT = 10µF Tantulum
V
IN = 4.3V
V
OUT = 3.3V
V
IN = VOUT + 1V
10
100
1k
10k
100k
1M
0
10
20
30
40
50
60
70
80
90
FREQUENCY (Hz)
MIC5212 PSRR
500mA Load
500mA
C
OUT = 10µF Tantulum
V
IN = 4.3V
V
OUT = 3.3V
V
IN = VOUT + 1V
10
100
1k
10k
100k
1M
0
10
20
30
40
50
60
70
80
90
FREQUENCY (Hz)
MIC5212-2.5 PSRR
150mA Load
C
OUT = 10µF Tantulum
V
IN = 4.3V
V
OUT = 3.3V
V
IN = VOUT + 1V
10
100
1k
10k
100k
1M
0
10
20
30
40
50
60
70
80
90
FREQUENCY (Hz)
MIC5212-2.5 PSRR
500mA Load
C
OUT = 10µF Tantulum
V
IN = 4.3V
V
OUT = 3.3V
V
IN = VOUT + 1V
10
100
1k
10k
100k
1M
0
2
4
6
8
10
12
14
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Ground Current
vs. Temperature
500mA
150mA
100
µA
300mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com