Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DASACABSORBER Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # DASACABSORBER
Description  Ceiling-Mount Omni Antenna
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

DASACABSORBER Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  DASACABSORBER Datasheet HTML 1Page - Pulse A Technitrol Company DASACABSORBER Datasheet HTML 2Page - Pulse A Technitrol Company DASACABSORBER Datasheet HTML 3Page - Pulse A Technitrol Company DASACABSORBER Datasheet HTML 4Page - Pulse A Technitrol Company DASACABSORBER Datasheet HTML 5Page - Pulse A Technitrol Company DASACABSORBER Datasheet HTML 6Page - Pulse A Technitrol Company DASACABSORBER Datasheet HTML 7Page - Pulse A Technitrol Company DASACABSORBER Datasheet HTML 8Page - Pulse A Technitrol Company DASACABSORBER Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
San Diego, California
Vancouver, Washington
Europe
China
858 674 8100
360 944 7551
49 173 659 8521
86 512 69206053
L173.F (03/16)
2
pulseantennas.com
Clarity Series TM
Translucent & White DAS Antenna Family
Ultra-Thin, Ceiling-Mount Omni Antenna
Featuring PIMinator® Low PIM Performance
Mechanical Specifications
Radome Material
UV Protected, UL94 V-0
Weight [oz/g]
1.65 / 750
Dimensions [Inches/mm]
Height [Inches/mm]
9.41 / 239 diameter
Full height 6.78 / 172
Extension from ceiling only 0.33 / 8.4
Electrical Specifications (Both Clear & White configuration)
Frequency [MHz]
608-960/1695-2200/
2300-2700
Nominal Impedance [ Ω ]
50
608-960 MHz
<2:1
1695-2200 MHz
<2:1
2300-2700 MHz
<2:1
Without Reflector
With Reflector
608-960 MHz [dBi typ]
4
7
1695-2200 MHz [dBi typ]
6
7
2300-2700 MHz [dBi typ]
6
5
HPBW Horizontal Plane at 45° [°]
360
HPBW Vertical Plane (608-960) [° typ]
100
90
HPBW Vertical Plane (1695-2700) [° typ]
130
25
Polarization
Vertical
Power Rating [W]
40
PIM at 2x20 Watts [dBc]
-155
Connector
(NF), (4.1-9.5 Mini DIN F), (4.3-10 DIN F)
Cable Type
Plenum Rated, CM-Rated, NFPA262 compliant
Environmental Specifications
Operating Temperature [°C]
-40 to +70



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com