Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS-40720 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ICS-40720
Description  Ultra?륧ow Noise Microphone with Differential Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ICS-40720 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ICS-40720 Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
 
 
  ICS‐40720 
Page 5 of 16
 
Document Number: DS‐000045  
Revision: 1.3 
 
SOLDERING PROFILE 
 
 
Figure 1. Recommended Soldering Profile Limits 
 
 
 
TABLE 3. RECOMMENDED SOLDERING PROFILE*  
PROFILE FEATURE 
Sn63/Pb37 
Pb‐Free 
Average Ramp Rate (TL to TP) 
1.25°C/sec max
1.25°C/sec max 
Preheat 
Minimum Temperature 
(TSMIN) 
100°C 
100°C 
Minimum Temperature 
(TSMIN) 
150°C 
200°C 
Time (TSMIN to TSMAX), tS 
60 sec to 75 sec 
60 sec to 75  sec 
Ramp‐Up Rate (TSMAX to TL) 
1.25°C/sec 
1.25°C/sec 
Time Maintained Above Liquidous (tL) 
45 sec to 75 sec 
~50 sec 
Liquidous Temperature (TL) 
183°C 
217°C 
Peak Temperature (TP) 
215°C +3°C/−3°C 
260°C +0°C/−5°C 
Time Within +5°C of Actual Peak 
Temperature (tP) 
20 sec to 30 sec 
20 sec to 30 sec 
Ramp‐Down Rate 
3°C/sec max 
3°C/sec max 
Time +25°C (t25°C) to Peak Temperature  5 min max 
5 min max 
 
*Note: The reflow profile in Table 3 is recommended for board manufacturing with InvenSense MEMS microphones. All 
microphones are also compatible with the J‐STD‐020 profile 
 
tP
tL
t25°C TO PEAK TEMPERATURE
tS
PREHEAT
CRITICALZONE
TL TO TP
TIME
RAMP-DOWN
RAMP-UP
TSMIN
TSMAX
TP
TL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com