Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9810CCWM Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9810CCWM
Description  LM9810/20 10/12-Bit Image Sensor Processor Analog Front End
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9810CCWM Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM9810CCWM Datasheet HTML 13Page - National Semiconductor (TI) LM9810CCWM Datasheet HTML 14Page - National Semiconductor (TI) LM9810CCWM Datasheet HTML 15Page - National Semiconductor (TI) LM9810CCWM Datasheet HTML 16Page - National Semiconductor (TI) LM9810CCWM Datasheet HTML 17Page - National Semiconductor (TI) LM9810CCWM Datasheet HTML 18Page - National Semiconductor (TI) LM9810CCWM Datasheet HTML 19Page - National Semiconductor (TI) LM9810CCWM Datasheet HTML 20Page - National Semiconductor (TI) LM9810CCWM Datasheet HTML 21Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
http://www.national.com
approximately 2mV. If there are 2700 active pixels on a line then:
2.1.3 Maximum Clamp Capacitor Calculation:
The maximum size of the clamp capacitor is determined by the
amount of time available to charge it to the desired value during
the optical black portion of the sensor output. The internal clamp
is on when NewLine is high and SampCLK is low. If the applied
SampCLK
is low for half its cycle, then the available charge time
per line can be calculated using:
For example, if a sensor has 18 black reference pixels and fSamp-
CLK
is 2MHz with a 50% duty cycle, then tCLAMP is 4.5µs.
The following equation takes the number of optical black pixels,
the amount of time (per pixel) that the clamp is closed, the sen-
sor’s output impedance, and the desired accuracy of the final
clamp voltage and provides the maximum clamp capacitor value
that allows the clamp capacitor to settle to the desired accuracy
within a single line:
Where tCLAMP is the amount of time (per line) that the clamp is
on, RCLAMP is the output impedance of the CCD plus 50Ω for the
LM9810/20’s internal clamp switch, and accuracy is the ratio of
the worst-case initial capacitor voltage to the desired final capaci-
tor voltage. If tCLAMP is 4.5µs, the output impedance of the sen-
sor is 1500
Ω, the worst case voltage change required across the
capacitor (before the first line) is 5V, and the desired accuracy
after clamping is to within 0.1V (accuracy = 5/0.1 = 50), then:
The final value for CCLAMP should be less than or equal to
CCLAMP MAX, but no less than CCLAMP MIN.
In some cases, depending primarily on the choice of sensor,
CCLAMP MAX may actually be less than CCLAMP MIN, meaning that
the capacitor can not be charged to its final voltage during the
black pixels at the beginning of a line and hold it’s voltage without
drooping for the duration of that line. This is usually not a problem
because in most applications the sensor is clocked continuously
as soon as power is applied. In this case, a larger capacitor can
be used (guaranteeing that the CCLAMP MIN requirement is met),
and the final clamp voltage is forced across the capacitor over
multiple lines. This equation calculates how many lines are
required before the capacitor settles to the desired accuracy:
Using the values shown before and a clamp capacitor value of
0.01µF, this works out to be:
In this example, a 0.01µF capacitor takes 14 lines after power-up
to charge to its final value. On subsequent lines, the only error will
be the droop across a single line which should be significantly
less than the initial error. If the LM9810/20 is operating in CDS
mode and multiple lines are used to charge up the clamping
capacitors after power-up, then a clamp capacitor value of
0.01µF should be significantly greater than the calculated
CCLAMP MIN value and can virtually always be used.
If the LM9810/20 is operating in CIS mode, then significantly
larger clamp capacitors must be used. Fortunately, the output
impedance of most CIS sensors is significantly smaller than the
output impedance of CCD sensors, and RCLAMP will be domi-
nated by the 50
Ω from the LM9810/20’s internal clamp switch.
With a smaller RCLAMP value, the clamp capacitors will charge
faster.
3.0 Performance Considerations
3.1 Power Supply
The LM9810/20 should be powered by a single +5V source. The
analog supplies (VA) and the digital supply (VD) are brought out
individually to allow separate bypassing for each supply input.
They should
not be powered by two or more different supplies.
In systems with separate analog and digital +5V supplies, all the
supply pins of the LM9810/20 should be powered by the analog
+5V supply. Each supply input should be bypassed to its respec-
tive ground with a 0.1µF capacitor located as close as possible to
the supply input pin. A single 10µF tantalum capacitor should be
placed near the VA supply pin to provide low frequency bypass-
ing.
To minimize noise, keep the LM9810/20 and all analog compo-
nents as far as possible from noise generators, such as switching
power supplies and high frequency digital busses. If possible, iso-
late all the analog components and signals (OS, reference inputs
and outputs, VA, AGND) on an analog ground plane, separate from
the digital ground plane. The two ground planes should be tied
together at a single point, preferably the point where the power
supply enters the PCB.
3.2 SampCLK Timing
SampCLK
is used to time the stages of the LM9810/20’s sampler,
offset DAC and programmable gain amplifier. To allow for opti-
mum input signal sampling times, SampCLK may be applied asyn-
chronously to MCLK. The LM9810/20’s ADC is synchronized with
the its AFE (including the sampler, the offset DAC and the PGA)
by MCLK.
The LM9810/20’s internal ADC clock is created through a combi-
C
CLAMP MIN
4p(F)(V)
2mV
---------------------- 2700
=
Equation 12: CIS mode CCLAMP MIN Calculation Example
5.4uF
=
t
CLA MP
Number of optical black pixels
2f
SampCLK
-------------------------------------------------------------------------------
=
Equation 13: Clamp Time Per Line Calculation
C
CLAMP MAX
t
R
------
1
ln(accuracy)
--------------------------------
=
t
CLAMP
R
CLAMP
--------------------------
1
ln(accuracy)
--------------------------------
=
Equation 14: CCLAMP MAX for a single line of charge time
C
CLAMP MAX
4.5
µs
1550
Ω
------------------
1
ln(50)
---------------
=
728pF
=
Equation 15: CCLAMP MAX Example
lines
R
CLAMP
C
CLAMP
t
CLAMP
-------------------------



Initial Error Voltage
Final Error Voltage
----------------------------------------------------


ln
=
Equation 16: Number of Lines Required for Clamping
lines
1550
0.01
µF
4.5
µs
-------------------


5V
0.1V
------------


ln
13.5 lines
==
Equation 17: Clamping Lines Required Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com