Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF008 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MICRF008
Description  QwikRadio??Sweep-Mode Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF008 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MICRF008 Datasheet HTML 2Page - Micrel Semiconductor MICRF008 Datasheet HTML 3Page - Micrel Semiconductor MICRF008 Datasheet HTML 4Page - Micrel Semiconductor MICRF008 Datasheet HTML 5Page - Micrel Semiconductor MICRF008 Datasheet HTML 6Page - Micrel Semiconductor MICRF008 Datasheet HTML 7Page - Micrel Semiconductor MICRF008 Datasheet HTML 8Page - Micrel Semiconductor MICRF008 Datasheet HTML 9Page - Micrel Semiconductor MICRF008 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MICRF008
Micrel
MICRF008
6
July 2003
Data Slicing Level
Extraction of the DC value of the demodulated signal for
purposes of logic-level data slicing is accomplished by an
external capacitor C
TH and the on-chip switched-capacitor
resistor RSC, indicated in the block diagram. The effective
resistance of RSC scales inversely proportional to REFOSC
frequency. The nominal value of RSC given in the “
Electrical
Characteristics ” Table is 220k
Ω for a REFOSC frequency of
3.36MHz. Slicing level time constant value vary depending
on data pattern, data rate and data duty cycle.
Automatic Gain Control (AGC)
The signal path has automatic gain control (AGC) to increase
the overall receiver dynamic range. An external capacitor,
C
AGC, must be connected to the CAGC pin of the device.
Normally the C
AGC capacitor is connected to ground. If faster
start-up times are required when the receiver is first powered-
on, the C
AGC capacitor may be connected to VDD. The ratio
of decay-to-attack time constant is fixed at 10:1 (that is, the
attack time constant is 1/10th of the decay time constant), and
the user cannot change this ratio. Nevertheless, the attack
time constant is set externally by choosing a value for C
AGC.
Another function of the AGC control voltage is to raise the
noise floor in order to guarantee a clean signal between the
preamble and the data, sometimes called dead time. The
AGC control voltage can be further manipulated and ampli-
fied to create an RSSI signal, which is useful for several
different applications.
Reference Oscillator
All timing and tuning operations on the MICRF008BM are
derived from the internal Colpitts reference oscillator. The
reference frequency can be implemented in two ways, by
using a resonator device (a ceramic resonator or crystal), or
by driving an external signal, which should not exceed
0.5V
RMS. The reference frequency is obtained by dividing the
RF carrier frequency by 129.
I/O Pin Interface Circuitry
Interface circuitry for the various I/O pins of the MICRF008 is
shown in Figures 1 through 6. Specific information regarding
each of these circuits is discussed in the following sub-
paragraphs. Not shown are ESD protection diodes which are
applied to all input pins.
C
TH Pin
Figure 2 illustrates the C
TH pin interface circuit. CTH pin is
driven from a P-Channel MOSFET source-follower biased
with approximately 20
µA of bias current. Transmission gates
TG1 and TG2 isolate the 3.3pF capacitor. Internal control
signals PHI1/PHI2 are related in a manner such that the
impedance across the transmission gates looks like a “resis-
tance.” The DC potential on the C
TH pin is approximately
2.2V, fundamentally determined by the VGS of the two P-
Channel MOSFET source-followers shown.
C
AGC Pin
Figure 3 illustrates the C
AGC pin interface circuit. The AGC
control voltage is developed as an integrated current into a
capacitor C
AGC. The attack current is nominally 15µA, while
the decay current is a 1/10th scaling of this, approximately
1.5
µA. Signal gain of the RF/IF strip inside the IC diminishes
as the voltage on C
AGC decreases. By simply adding a
capacitor to C
AGC pin, the attack/decay time constant ratio is
fixed at 1:10.
VDDBB
VSSBB
Compa-
rator
1.5
µA
15
µA
CAGC
Figure 3. C
AGC Pin
3.3pF
PHI2B
TG1
TG2
PHI1B
PHI1
PHI2
CTH
DC-coupled
Switched
Cap. Filter
VDDBB
VSSBB
VSSBB
20
µA
VDDBB
VSSBB
20
µA
Demod
Signal
(0Vdc)
Figure 2. C
TH Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com