Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP2D1212 Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP2D1212
Description  3W 1KVDC Isolated Wide Input Dual Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP2D1212 Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP2D1212 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP2D1212 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP2D1212 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TP2D Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 1 of 3
DESCRIPTION:
The TP2D series are a range of isolated 3 Watt converters in a low profile DIP package, 2:1 wide input
range and tightly regulated output voltage qualifies these converters for many cost critical applications in
industrial and consumer electronics. Operating temperature ranges from -40 ºC to 85 ºC, the internal
SMD construction makes it possible to offer a product with high performance at low cost.
3W 1KVDC Isolated Wide Input Dual Output DC/DC Converters
FEATURES
RoHS compliant
Industry standard footprint
Power density 0.9W/cm
3
2:1 wide input range
Dual isolated output
Short circuit protection
Low profile
Operating temperature: -40ºC to 85ºC
Load and line regulation <1%
Footprint 4.7cm
2
1KVDC isolation
Input voltage: 5V, 12V, 24V, 48V
Output voltage: ±3.3V, ±5V, ±12V, ±15V
SELECTION GUIDE
Part Number
Input voltage
Rated output voltage
Output current
Efficiency
Voltage(VDC)
Min. Load
Full load
Rated
Range values
(V)
mA
mA
%
TP2D0503
5 (2:1)
4.5-9
±3.3
±114
±453
66
TP2D0505
5 (2:1)
4.5-9
±5
±76
±301
71
TP2D0512
5 (2:1)
4.5-9
±12
±30
±126
75
TP2D0515
5 (2:1)
4.5-9
±15
±26
±99
75
TP2D1203
12 (2:1)
9-18
±3.3
±114
±453
72
TP2D1205
12 (2:1)
9-18
±5
±76
±301
75
TP2D1212
12 (2:1)
9-18
±12
±30
±126
78
TP2D1215
12 (2:1)
9-18
±15
±26
±99
77
TP2D2403
24 (2:1)
18-36
±3.3
±114
±453
73
TP2D2405
24 (2:1)
18-36
±5
±76
±301
78
TP2D2412
24 (2:1)
18-36
±12
±30
±126
81
TP2D2415
24 (2:1)
18-36
±15
±26
±99
82
TP2D4803
48 (2:1)
36-72
±3.3
±114
±453
72
TP2D4805
48 (2:1)
36-72
±5
±76
±301
75
TP2D4812
48 (2:1)
36-72
±12
±30
±126
79
TP2D4815
48 (2:1)
36-72
±15
±26
±99
81
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
5V input variants
4.5
5
9
V
Voltage range
12V input variants
9
12
18
V
Voltage range
24V input variants
18
24
36
V
Voltage range
48V input variants
36
48
74
V
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection
8 hours
Lead temperature 1.5mm from case for 10 seconds
300°C
Minimum output load for specification
25% of rated output
Input voltage 5V variants
10V
Input voltage 12V variants
20V
Input voltage 24V variants
40V
Input voltage 48V variants
80V
Free air space
10mm Min. around component
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified
TOPPOWER


Similar Part No. - TP2D1212

ManufacturerPart #DatasheetDescription
logo
C&K Components
TP11-SH-AG-E-2-2 CK-COMPONENTS-TP11-SH-AG-E-2-2 Datasheet
1Mb / 6P
Tiny Pushbutton Switches
2020
TP11-SH-AG-E-2-2 CK-COMPONENTS-TP11-SH-AG-E-2-2 Datasheet
1Mb / 6P
Tiny Pushbutton Switches
2020
TP11-SH-AG-E-2-2 CK-COMPONENTS-TP11-SH-AG-E-2-2 Datasheet
1Mb / 6P
Tiny Pushbutton Switches
2020
TP11-SH-AQ-E-2-2 CK-COMPONENTS-TP11-SH-AQ-E-2-2 Datasheet
1Mb / 6P
Tiny Pushbutton Switches
2020
TP11-SH-AR-E-2-2 CK-COMPONENTS-TP11-SH-AR-E-2-2 Datasheet
1Mb / 6P
Tiny Pushbutton Switches
2020
More results

Similar Description - TP2D1212

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NDT CANDD-NDT Datasheet
157Kb / 2P
Isolated 3W Wide Input Dual Output DC-DC Converters
NDY CANDD-NDY Datasheet
419Kb / 3P
Isolated 3W Wide Input DC-DC Converters
logo
List of Unclassifed Man...
NDTD2412 ETC-NDTD2412 Datasheet
157Kb / 2P
ISOLATED 3W WIDE INPUT DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Manufacturing Co...
KDC_NDTD MURATA-KDC_NDTD Datasheet
165Kb / 7P
Isolated 3W Wide Input Dual Output DC/DC Converters
MEE3S0509SC MURATA-MEE3S0509SC Datasheet
209Kb / 5P
1kVDC Isolated 3W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2L-3W TOPPOWER-TP2L-3W Datasheet
201Kb / 3P
3W Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L TOPPOWER-TP2L Datasheet
579Kb / 3P
2W 1KVDC Isolated Wide Input Single Output DC/DC Converters
TP2S TOPPOWER-TP2S Datasheet
631Kb / 3P
3W 1KVDC Isolated Single Output DC/DC Converters
TP2Y TOPPOWER-TP2Y Datasheet
638Kb / 4P
3W 1KVDC Isolated Wide Input DC/DC Converters
TP2L-3W-3KVDC TOPPOWER-TP2L-3W-3KVDC Datasheet
201Kb / 3P
3W Isolated Wide Input Single And Dual Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com