Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPF0512S Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TPF0512S
Description  1W 3KVDC Isolated Regulated Single Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPF0512S Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TPF0512S Datasheet HTML 1Page - Toppower Electronic Technology Limited TPF0512S Datasheet HTML 2Page - Toppower Electronic Technology Limited TPF0512S Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TPF Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 2 of 3
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
5V input types
4.7
5
5.3
V
Voltage range
12V input types
11.4
12
12.6
V
Voltage range
24V input types
23
24
25.4
V
Voltage range
48V input types
45.5
48
50.5
V
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage set point accuracy
100% load
5
%
Rated power
TA= -40°C to 85°C
1
W
Line regulation
High Vin to low Vin
0.25
%/%
Load regulation
10% load to rated load
0.9
1.5
%
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection
1 second
Lead temperature 1.5mm from case for 10 seconds
300°C
Internal power dissipation
450mW
Input voltage Vin, TPF05
7V
Input voltage Vin, TPF12
14.5V
Input voltage Vin, TPF24
27V
Input voltage Vin, TPF48
53V
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
All input types
100
kHz
Resistance
Viso= 1000VDC
1
GΩ
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
Derating if the temperature ≥85°C
-40
105
℃
Case temperature above ambient
38
℃
Storage
-55
150
℃
Cooling
Free air convection
TEMPERATURE DERATING GRAPH
1.5
1.0
0.5
0
-40
0
50 100
150
Ambient Temperature(°C)
85°C
Safe Operating Area
105
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com