Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9229 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPC9229
Description  400 MHz Low Voltage PECL Clock Synthesizer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9229 Datasheet(HTML) 2 Page - Motorola, Inc

  MPC9229 Datasheet HTML 1Page - Motorola, Inc MPC9229 Datasheet HTML 2Page - Motorola, Inc MPC9229 Datasheet HTML 3Page - Motorola, Inc MPC9229 Datasheet HTML 4Page - Motorola, Inc MPC9229 Datasheet HTML 5Page - Motorola, Inc MPC9229 Datasheet HTML 6Page - Motorola, Inc MPC9229 Datasheet HTML 7Page - Motorola, Inc MPC9229 Datasheet HTML 8Page - Motorola, Inc MPC9229 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MPC9229
MOTOROLA
TIMING SOLUTIONS
2
Figure 1. MPC9229 Logic Diagram
GND
TEST
VCC
VCC
GND
FOUT
FOUT
NC
M[3]
M[2]
M[1]
M[0]
P_LOAD
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
123
45678
24
23
22 21
20
19
18
17
16
Figure 2. MPC9229 28--Lead PLCC Pinout
(Top View)
VCC
OE
XTAL_OUT
XTAL_IN
XTAL_OUT
S_LOAD
÷16
S_DATA
S_CLOCK
M[0:8]
XTAL
PLL
Ref
FB
VCO
800-1600 MHz
00
01
10
11
÷0to ÷511
9-Bit M-Divider
M-Latch
N-Latch
10 -- 20 MHz
T-Latch
9
2
Test
3
LE
00
Bit 5-13
Bit 3-4
Bit 0-2
14 Bit Shift Register
Sync
N[1:0]
OE
P/S
÷1
÷2
÷4
÷8
FOUT
FOUT
TEST
VCC
VCC
P_LOAD
÷4
OE
1
4
3
2
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
7
8
6
5
Figure 3. MPC9229 32--Lead LQFP Pinout
(Top View)
S_CLOCK
N[1]
N[0]
M[8]
M[7]
M[6]
M[5]
M[4]
S_DATA
S_LOAD
VCC_PLL
NC
NC
XTAL_IN
11
MPC9229
MPC9229
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com