Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9446 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPC9446
Description  2.5V and 3.3V LVCMOS Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9446 Datasheet(HTML) 5 Page - Motorola, Inc

  MPC9446 Datasheet HTML 1Page - Motorola, Inc MPC9446 Datasheet HTML 2Page - Motorola, Inc MPC9446 Datasheet HTML 3Page - Motorola, Inc MPC9446 Datasheet HTML 4Page - Motorola, Inc MPC9446 Datasheet HTML 5Page - Motorola, Inc MPC9446 Datasheet HTML 6Page - Motorola, Inc MPC9446 Datasheet HTML 7Page - Motorola, Inc MPC9446 Datasheet HTML 8Page - Motorola, Inc MPC9446 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MPC9446
TIMING SOLUTIONS
5
MOTOROLA
Table 8: DC CHARACTERISTICS (VCC =VCCA =VCCB =VCCC =2.5V ±5%, TA =--40°Cto+85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VIH
Input High Voltage
1.7
VCC +0.3
V
LVCMOS
VIL
Input Low Voltage
-0.3
0.7
V
LVCMOS
VOH
Output High Voltage
1.8
V
IOH=-15 mAa
VOL
Output Low Voltage
0.6
V
IOL=15mA
ZOUT
Output Impedance
17 - 20b
Ω
IIN
Input Currentb
±200
µA
VIN=GND or VIN=VCC
ICCQc
Maximum Quiescent Supply Current
2.0
mA
All VCC Pins
a. The MPC9446 is capable of driving 50Ω transmission lines on the incident edge. Each output drives one 50Ω parallel terminated transmission
line to a termination voltage of VTT. Alternatively, the device drives up to two 50Ω series terminated transmission lines per output.
b. Input pull-up / pull-down resistors influence input current.
c. ICCQ is the DC current consumption of the device with all outputs open and the input in its default state or open.
Table 9: AC CHARACTERISTICS (VCC =VCCA =VCCB =VCCC =2.5V ±5%, TA =--40°Cto+85°C)ab
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
fref
Input Frequency
0
250c
MHz
fMAX
Maximum Output Frequency
÷1 output
÷2 output
0
0
250b
125
MHz
MHz
FSELx=0
FSELx=1
tP, REF
Reference Input Pulse Width
1.4
ns
tr,tf
CCLK Input Rise/Fall Time
1.0d
ns
0.7to1.7V
tPLH
tPHL
Propagation delay
CCLK0,1 to any Q
CCLK0,1 to any Q
2.6
2.6
5.6
5.5
ns
ns
tPLZ, HZ
Output Disable Time
10
ns
tPZL, LZ
Output Enable Time
10
ns
tsk(O)
Output-to-output Skew
Within one bank
Any output bank, same output divider
Any output, Any output divider
150
200
350
ps
ps
ps
tsk(PP)
Device-to-device Skew
3.0
ns
tSK(P)
DCQ
Output pulse skewe
Output Duty Cycle
÷1or ÷2 output
45
50
200
55
ps
%
DCREF = 50%
tr,tf
Output Rise/Fall Time
0.1
1.0
ns
0.6to1.8V
a. AC characteristics apply for parallel output termination of 50Ω to VTT.
b. AC specifications are design targets, final specification is pending device characterization.
c. The MPC9446 is functional up to an input and output clock frequency of 350 MHz and is characterized up to 250 MHz.
d. Violation of the 1.0 ns maximum input rise and fall time limit will affect the device propagation delay, device-to-device skew, reference input
pulse width, output duty cycle and maximum frequency specifications.
e. Output pulse skew is the absolute difference of the propagation delay times: | tpLH -tpHL |.
Table 10: AC CHARACTERISTICS (VCC =3.3V+5%, VCCA,VCCB,VCCC = 2.5V + 5% or 3.3V + 5%,
TA =--40°Cto+85°C)ab
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
tsk(O)
Output-to-output Skew
Within one bank
Any output bank, same output divider
Any output, Any output divider
150
250
350
ps
ps
ps
tsk(PP)
Device-to-device Skew
2.5
ns
tPLH,HL
Propagation delay
CCLK0,1 to any Q
See 3.3V table
tSK(P)
DCQ
Output pulse skewc
Output Duty Cycle
÷1or ÷2 output
45
50
250
55
ps
%
DCREF = 50%
a. AC characteristics apply for parallel output termination of 50Ω to VTT.
b. For all other AC specifications, refer to 2.5V or 3.3V tables according to the supply voltage of the output bank.
c. Output pulse skew is the absolute difference of the propagation delay times: | tpLH -tpHL |.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com