Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9822CCWMX2 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9822CCWMX2
Description  LM9822 3 Channel 42-Bit Color Scanner Analog Front End
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9822CCWMX2 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM9822CCWMX2 Datasheet HTML 14Page - National Semiconductor (TI) LM9822CCWMX2 Datasheet HTML 15Page - National Semiconductor (TI) LM9822CCWMX2 Datasheet HTML 16Page - National Semiconductor (TI) LM9822CCWMX2 Datasheet HTML 17Page - National Semiconductor (TI) LM9822CCWMX2 Datasheet HTML 18Page - National Semiconductor (TI) LM9822CCWMX2 Datasheet HTML 19Page - National Semiconductor (TI) LM9822CCWMX2 Datasheet HTML 20Page - National Semiconductor (TI) LM9822CCWMX2 Datasheet HTML 21Page - National Semiconductor (TI) LM9822CCWMX2 Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
20
www.national.com
In this example, a 0.01µF capacitor takes 14 lines after power-up
to charge to its final value. On subsequent lines, the only error will
be the droop across a single line which should be significantly
less than the initial error. If the LM9822 is operating in CDS
mode and multiple lines are used to charge up the clamping
capacitors after power-up, then a clamp capacitor value of
0.01µF should be significantly greater than the calculated
CCLAMP MIN value and can virtually always be used.
If the LM9822 is operating in CIS mode, then significantly larger
clamp capacitors must be used. Fortunately, the output imped-
ance of most CIS sensors is significantly smaller than the output
impedance of CCD sensors, and R CLAMP will be dominated by
the 50
Ω from the LM9822 internal clamp switch. With a smaller
RCLAMP value, the clamp capacitors will charge faster.
7.0 Power Supply Considerations
The LM9822 analog supplies (
A) should be powered by a single
+5V source. The two analog supplies are brought out individually
to allow separate bypassing for each supply input. They should
not be powered by two or more different supplies.
Each supply input should be bypassed to its respective ground
with a 0.1µF capacitor located as close as possible to the supply
input pin. A single 10µF tantalum capacitor should be placed near
the VA supply pins to provide low frequency bypassing.
The V D input can be powered at 3.3Vor 5.0V. Power should be
supplied by a clean, low noise linear power supply, with a 0.1 µF
ceramic capacitor and a 10 µF tantalum capacitor placed near the
VD and DGND pins. If possible, a separate power and ground
plane should be provided to isolate the noisy digital output signals
from the sensitive analog supply pins. If the V D voltage is lower
than VA, a separate linear regulator should be used. If V D and A
are both at 5.0V, then they should be supplied by a common lin-
ear regulator, with separate analog and digital power and ground
planes.
To minimize noise, keep the LM9822 and all analog components
as far as possible from noise generators, such as switching power
supplies and high frequency digital busses. If possible, isolate all
the analog components and signals (OS, reference inputs and
outputs,
A, AGND) on an analog ground plane, separate from
the digital ground plane. The two ground planes should be tied
together at a single point, preferably the point where the power
supply enters the PCB.
8.0 Serial Interface and Configuration Registers
The serial interface is used to program the configuration registers
which control the operation of the LM9822. The SEN, SCLK, SDI
and SDO signals are used to set and verify configuration register
settings. In addition, MCLK must be active during all serial inter-
face activity. MCLK is used to register the level of the SEN input
and drives the logic that process information input on the SDI line.
9.0 Sample Mode Register Settings
A brief overview of the sample mode register and the bit locations
is give in Table 2: Configuration Register Parameters on page
14. The function of each bit is summarized in the following sec-
tions.
9.1 Output Driver Mode
The Output Driver Mode bit is normal set to 0. This bit can be set
to 1 to reduce the slew rate of the output drivers.
9.2 DOE (Data Output Edge) Setting
The Data Output Edge bit selects which edge of MCLK is used to
clock output data onto the output pins. For lowest noise perfor-
mance, this bit should be set to 0. With this setting, new data is
placed on the D7-D0 pins on every falling edge of MCLK. See
Diagrams 1 through 6 and Diagram 13 for more information on
data output timing for the different Divide By modes, and detailed
timing of the output data signals.
The bit can be set to 1 to adjust the data output timing for some
applications, but the noise performance of the LM9822 may be
somewhat degraded.
9.3 CDS Enable
The CDS Enable bit determines whether the sampling section of
the LM9822 operates in Correlated Double Sampling mode or in
Single Ended Sampling mode. CDS mode is normally used with
CCD type sensors, while Single Ended mode is normally used
with CIS type sensors.
9.4 Signal Polarity
Whether the LM9822 is operating in Correlated Double Sampling
Mode, or Single Ended Sampling mode, the basic sampling oper-
ation is the same. First a reference level is sampled, then a signal
level is sampled. For CDS mode operation, if the signal level is
lower in voltage than the reference level, the Signal Polarity bit
should be set to 0. This is the normal setting for CCD type sen-
sors. If the signal level is more positive than the reference level,
the Signal Polarity bit would be set to 1 for Positive Polarity mode.
When Single Ended Mode is selected, the Signal Polarity bit
determines which internal reference voltage is used to compare
with the input signal. Most CIS type sensors have a positive polar-
ity type output, and in this case the Signal Polarity Bit should be
set to 1. In this case, the internal VREF- is used as the reference
level during the Reference Sampling period.
In addition, the Signal Polarity bit determines which internal refer-
ence voltage is used during the Clamping interval. If Signal Polar-
ity = 0, V REF+ is used for clamping, if Signal Polarity = 1, V REF- is
used.
9.5 SMPCL
The SMPCL setting controls when the clamping action occurs
during the acquisition cycle. If SMPCL is set to 0, the Clamp will
be on for 1 MCLK before the reference sampling point. If SMPCL
is set to 1, clamping will occur in the interval after the reference
sampling point, and before the signal sampling point. In this case,
the clamping time is dependent on the present “Divide By” mode,
and the settings of the CDSREF bits.
9.6 CDSREF
The CDSREF setting is provided to allow adjustable sampling
points for the reference sample at the higher “Divide By” modes.
This may be useful to optimize the timing of the Reference Sam-
Applications Information (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com