Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9830VJD Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9830VJD
Description  LM9830 36-Bit Color Document Scanner
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9830VJD Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM9830VJD Datasheet HTML 1Page - National Semiconductor (TI) LM9830VJD Datasheet HTML 2Page - National Semiconductor (TI) LM9830VJD Datasheet HTML 3Page - National Semiconductor (TI) LM9830VJD Datasheet HTML 4Page - National Semiconductor (TI) LM9830VJD Datasheet HTML 5Page - National Semiconductor (TI) LM9830VJD Datasheet HTML 6Page - National Semiconductor (TI) LM9830VJD Datasheet HTML 7Page - National Semiconductor (TI) LM9830VJD Datasheet HTML 8Page - National Semiconductor (TI) LM9830VJD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
3
http://www.national.com
Static Offset DAC Characteristics (Configuration Registers 38, 39, and 3A)
Monotonicity
6
bits (min)
Offset DAC LSB size
PGA gain = 1
9.3
5.8
12.7
mV (min)
mV (max)
Offset DAC Adjustment Range
PGA gain = 1
±290
±270
mV (min)
Analog Input Characteristics
Average OSR, OSG, OSB Input Current
CDS Enabled, OS = 3.5VDC
±80
nA
OSR, OSG, OSB Input Current
CDS Disabled, OS = 3.5VDC
±24
±30
µA (max)
Internal Voltage Reference Characteristics
VBANDGAP
Voltage Reference Output Voltage
1.2
V
VREF LO
Negative Reference Output Voltage
VREF MID-1.0
V
VREF MID
Midpoint Reference Output Voltage
VA/2.0
V
VREF HI
Positive Reference Output Voltage
VREF MID+1.0
V
DC and Logic Electrical Characteristics
The following specifications apply for AGND=DGND=DGNDI/O=DGNDSRAM=0V, VA=VD=VDI/O=VSRAM=+5.0VDC,
fCRYSTAL IN= 50MHz. Boldface limits apply for TA=TJ=TMIN to TMAX; all other limits TA=TJ=25°C. (Notes 7 & 8)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 10)
Units
(Limits)
Digital Input Characteristics for DB0-DB7, D0-D7, STROBE, AUTOFEED, INIT, SELECT IN, PSENSE#1, PSENSE#2, MISC I/O
#1, MISC I/O #2, CMODE
VIN(1)
Logical “1” Input Voltage
VDI/O=5.5V
2.0
V (min)
VIN(0)
Logical “0” Input Voltage
VDI/O=4.5V
0.8
V (max)
IIN
Input Leakage Current
±500
nA
CIN
Input Capacitance
5
pF
Digital Output Characteristics for DB0-DB7, A0-A17, RD, WR (SRAM Interface)
VOUT(1)
Logical “1” Output Voltage
VDI/O=4.5V, IOUT=-4mA
2.4
V (min)
VOUT(0)
Logical “0” Output Voltage
VDI/O=5.5V, IOUT=8mA
0.4
V (max)
Digital Output Characteristics for D0-D7, ERROR, ACK, BUSY, PE, SELECT (Parallel Port Interface)
VOUT(1)
Logical “1” Output Voltage
VDI/O=4.5V, IOUT=-4mA
2.4
V (min)
VOUT(0)
Logical “0” Output Voltage
VDI/O=5.5V, IOUT=14mA
0.4
V (max)
Digital Output Characteristics for MISC I/O #1, MISC I/O #2, A, B, A, B, TR1, TR2, ø1, ø2, RS, CP1, CP2, TRISTATE, LATCH,
LAMPR, LAMPG, LAMPB
VOUT(1)
Logical “1” Output Voltage
VDI/O=4.5V, IOUT=-4mA
2.4
V (min)
VOUT(0)
Logical “0” Output Voltage
VDI/O=5.5V, IOUT=8mA
0.4
V (max)
Electrical Characteristics (Continued)
The following specifications apply for AGND=DGND=DGNDI/O=DGNDSRAM=0V, VA=VD=VDI/O=VSRAM=+5.0VDC,
fCRYSTAL IN= 50MHz. Boldface limits apply for TA=TJ=TMIN to TMAX; all other limits TA=TJ=25°C. (Notes 7, 8, & 12)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 10)
Units
(Limits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com