Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACU2109S3C Datasheet(PDF) 9 Page - ANADIGICS, Inc

Part # ACU2109S3C
Description  Wideband Tuner Upconverter Data Sheet - Rev 2.4
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACU2109S3C Datasheet(HTML) 9 Page - ANADIGICS, Inc

Back Button ACU2109S3C Datasheet HTML 4Page - ANADIGICS, Inc ACU2109S3C Datasheet HTML 5Page - ANADIGICS, Inc ACU2109S3C Datasheet HTML 6Page - ANADIGICS, Inc ACU2109S3C Datasheet HTML 7Page - ANADIGICS, Inc ACU2109S3C Datasheet HTML 8Page - ANADIGICS, Inc ACU2109S3C Datasheet HTML 9Page - ANADIGICS, Inc ACU2109S3C Datasheet HTML 10Page - ANADIGICS, Inc ACU2109S3C Datasheet HTML 11Page - ANADIGICS, Inc ACU2109S3C Datasheet HTML 12Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet - Rev 2.4
07/2003
ACU2109
9
#
M
E
T
I
E
U
L
A
V
E
Z
I
S
N
O
I
T
P
I
R
C
S
E
D
#
T
R
A
P
Y
T
Q
R
O
D
N
E
V
,
3
C
,
2
C
,
1
C
0
1
C
,
5
C
,
4
C
F
u
1
0
.
03
0
6
0r
o
ti
c
a
p
a
c
p
i
h
CV
5
2
K
3
0
1
R
7
X
9
3
M
R
G6
h
t
r
o
N
a
t
a
r
u
M
a
c
ir
e
m
A
6
CF
u
0
2
2s
e
ir
e
S
A
V
V
0
1
D
M
S
D
N
-
T
C
0
4
0
2
E
C
P1
p
r
o
C
y
e
K
-
i
g
i
D
9
C
,
7
CF
u
1
.
03
0
6
0r
o
ti
c
a
p
a
c
p
i
h
C6
1
K
4
0
1
R
7
X
9
3
M
R
G4
a
t
a
r
u
M
8
CF
p
1
.
93
0
6
0r
o
ti
c
a
p
a
c
p
i
h
CX
0
5
1
P
J
1
R
9
A
0
0
11
C
T
A
1
1
CF
p
0
0
13
0
6
0r
o
ti
c
a
p
a
c
p
i
h
CV
0
5
J
1
0
1
G
O
C
9
3
M
R
G1
a
t
a
r
u
M
1
R0
2
85
0
8
0r
o
t
s
i
s
e
r
p
i
h
C1
2
8
J
Y
E
G
6
-
J
R
E1
p
r
o
C
y
e
K
-
i
g
i
D
2
R0
4
25
0
8
0r
o
t
s
i
s
e
r
p
i
h
C1
4
2
J
Y
E
G
6
-
J
R
E1
p
r
o
C
y
e
K
-
i
g
i
D
3
RK
23
0
6
0r
o
t
s
i
s
e
r
p
i
h
C2
0
2
J
Y
S
G
3
-
J
R
E1
p
r
o
C
y
e
K
-
i
g
i
D
6
R
,
4
RK
2
13
0
6
0r
o
t
s
i
s
e
r
p
i
h
C3
2
1
J
Y
S
G
3
-
J
R
E1
p
r
o
C
y
e
K
-
i
g
i
D
5
R7
43
0
6
0r
o
t
s
i
s
e
r
p
i
h
C0
7
4
J
Y
S
G
3
-
J
R
E1
p
r
o
C
y
e
K
-
i
g
i
D
2
L
,
1
LH
u
3
.
38
0
0
1r
o
t
c
u
d
n
i
t
n
u
o
m
fl
e
SC
B
K
X
2
3
3
-
S
C
8
0
0
12
tf
a
r
c
li
o
C
3
LH
n
8
63
0
6
0r
o
t
c
u
d
n
i
p
i
h
CK
N
8
6
F
-
2
1
0
2
L
L1
a
c
ir
e
m
A
o
k
o
T
1
D5
4
2
V
S
13
2
3
-
D
O
Se
d
o
i
d
r
o
t
c
a
r
a
V5
4
2
V
S
11
a
b
i
h
s
o
T
Figure 19: ACU2109 Evaluation Board Top View
Figure 20: ACU2109 Evaluation Board Bottom View
Table 6: Evaluation Board Parts List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com