Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFN40 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # NFN40
Description  Single and triple output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NFN40 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  NFN40 Datasheet HTML 1Page - List of Unclassifed Manufacturers NFN40 Datasheet HTML 2Page - List of Unclassifed Manufacturers NFN40 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
1
Natural convection cooled, 40W maximum.
2
Peak output current lasting less than 30 seconds with duty cycle less than
10%. During peak loading, outputs may go outside of total regulation
limits. Peak total power must not exceed 60W.
3
Forced air, 20 CFM at 1 atmosphere, 50W maximum.
4
Figure is peak-to-peak. Output noise is measured across a 50MHz
bandwidth using a 12 inch twisted pair, terminated with a 47µF capacitor.
5
Total regulation is defined as the static output regulation at 25°C, including
initial tolerance, line voltage within stated limits, load currents within stated
limits, and output voltages adjusted to their factory settings. Also,
0.25<I(A)/I(B)<5.0 to maintain stated regulation. This does not apply to
NFS40-7628 and NFN40-7628 power supplies as both have regulated
auxiliary outputs.
6
A minimum load of 0.5A is required on the +5V output to obtain full current
from the negative output.
7
The NFS40 offers the possibility of power sharing between outputs.
Consult factory for details.
8
Derating curve is application specific for ambient temperatures >50°C, for
optimum reliability no part of the heatsink should exceed 110oC and no
semiconductor case temperature should exceed 115oC.
9
A 4W minimum load is required to achieve the NFS design MTBF. This
restriction does not apply to the NFN series.
10 Caution: Allow a minimum of 1 second after disconnecting the power when
making thermal measurements.
11 Three orthogonal axes, sweep at 1 octave/minute, 5 minute dwell at four
major resonances.
12 The NFS40-7628 and NFN40-7628 have separately linear regulated +12V
and -12V outputs. The loading conditions in note 5 and note 6 do not
apply.
13 This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
DERATING CURVE (See Notes 8, 9, 10)
Output Power (Watts)
0°C 10°C
20°C
30°C
40°C
50°C
60°C
70°C
20W
40W
4W MIN LOAD REQ. TO ACHIEVE NFS DESIGN MTBF
50W
4W
20 CFM FORCED AIR COOLING
25W
NATURAL
CONVECTION
COOLING
40 to 50 Watt
AC/DC universal input switch mode power supplies
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
|
40-50W AC/DC
International Safety Standard Approvals
NFS40: VDE0805/EN60950/IEC950/IEC1010 File No. 10401-3336-1044
Licence No. 4389, 2559, 1651 and 1044
NFN40: VDE0805/EN60950/IEC950/IEC1010 File No. 10401-3336-1067
Licence No. 4389, 2559, 1651 and 1044
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062C
PAGE 25
http://www.artesyn.com
OUTPUT
OUTPUT CURRENTS
RIPPLE (4)
TOTAL
MODEL NUMBER (D)
VOLTAGE
MAX (1)
PEAK (2)
FAN (3)
REGULATION (5)
+5.1V (A)
3A
7A
5A
50mV
±2.0%
NFS40-7608 (5,6)
NFN40-7608 (5,6)
+12.0V (B)
2A
3A
2A
120mV
±5.0%
–12.0V (C)
0.35A
1A
0.5A
120mV
±5.0%
+5.1V (A)
4A
7A
5A
50mV
±2.0%
NFS40-7628 (12)
NFN40-7628 (12)
+12.0V (B)
0.35A
1A
0.5A
120mV
±5.0%
–12.0V (C)
0.35A
1A
0.5A
120mV
±5.0%
+5.1V (A)
3A
7A
5A
50mV
±2.0%
NFS40-7607 (5,6)
NFN40-7607 (5,6)
+12.0V (B)
2A
3A
2A
120mV
±5.0%
–5.0V (C)
0.35A
1A
0.5A
50mV
±5.0%
+5.1V (A)
3A
7A
5A
50mV
±2.0%
NFS40-7610 (5,6)
NFN40-7610 (5,6)
+15.0V (B)
2A
2.5A
2A
150mV
+10.0%/–3.0%
–15.0V (C)
0.35A
1A
0.5A
150mV
±5.0%
+5.1V
6A
12A
8A
100mV
±2.0%
NFS40-7605
NFN40-7605
+12.0V
3.3A
5A
4A
120mV
±2.0%
NFS40-7612
NFN40-7612
+15.0V
2.6A
4A
3.3A
150mV
±2.0%
NFS40-7615
NFN40-7615
+24.0V
1.6A
2.5A
2A
240mV
±2.0%
NFS40-7624
NFN40-7624
1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com