Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GFANN-LED Datasheet(PDF) 4 Page - Gamewell-FCI by Honeywell

Part # GFANN-LED
Description  Pre-action / Deluge Control Panel
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

GFANN-LED Datasheet(HTML) 4 Page - Gamewell-FCI by Honeywell

  GFANN-LED Datasheet HTML 1Page - Gamewell-FCI by Honeywell GFANN-LED Datasheet HTML 2Page - Gamewell-FCI by Honeywell GFANN-LED Datasheet HTML 3Page - Gamewell-FCI by Honeywell GFANN-LED Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
9021-60466 Rev. D page 4 of 4
www.gamewell-fci.com
System Specifications
System Capacity:
Annunciators ............8
Electrical Specifications
Flex GF506D
(FLPS-7 Power Supply): 120 VAC, 50/60 Hz, 2.3 amps
Wire size:
minimum 14 AWG (2.0 mm²)
with 600 V insulation,
supervised, non power-limited
Cabinet Specifications
Door
Dimensions:
19.26" H x 16.82" W x 0.72"
(48.92 H x 42.73 W x 1.82 D cm)
Backbox:
19.00" H x 16.65" W x 5.25" D
Dimensions:
(48.26 H x 42.29 W x 13.34 D cm)
Trim Ring (TR- CE):
Dimensions:
22.00" high x 19.65" wide
(55.88 H x 49.91 W cm)
Shipping Specifications
Dimensions:
- Height 20.00" (50.80cm)
- Width 22.50" (57.15cm)
- Depth 8.50" (21.59cm)
System Specifications (Continued)
Temperature and Humidity Ranges
This system meets NFPA requirements for operation at 0°
–49°C/32° – 120°F and at a relative humidity 93% ± 2%
RH (non-condensing) at 32°C ± 2°C (90°F ± 3°F). How-
ever, the useful life of the system's standby batteries and
the electronic components may be adversely affected by
extreme temperature ranges and humidity. Therefore, it is
recommended that this system and its peripherals be
installed in an environment with a normal room tempera-
ture of 15° – 27°C/60° – 80°F.
NFPA Standards
The GF506D complies with the following NFPA 72 Fire
Alarm Systems requirements:
- NFPA 13 Installation of Sprinkler Systems
- NFPA 15 Water Spray Fixed Systems
- NFPA 16 Deluge Foam-Water Sprinkler and Foam-
Water Spray Systems
- NFPA 72 National Fire Alarm Code for Local Fire
Alarm Systems and Remote Station Fire Alarm
Systems (requires an optional Remote Station Output
Module)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com