Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7265 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7265
Description  Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7265 Datasheet(HTML) 4 Page - Analog Devices

  AD7265 Datasheet HTML 1Page - Analog Devices AD7265 Datasheet HTML 2Page - Analog Devices AD7265 Datasheet HTML 3Page - Analog Devices AD7265 Datasheet HTML 4Page - Analog Devices AD7265 Datasheet HTML 5Page - Analog Devices AD7265 Datasheet HTML 6Page - Analog Devices AD7265 Datasheet HTML 7Page - Analog Devices AD7265 Datasheet HTML 8Page - Analog Devices AD7265 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD7265
Preliminary Technical Data
Parameter
Specification
Unit
Test Conditions/Comments
LOGIC OUTPUTS
Output High Voltage, VOH
VDRIVE – 0.2
V min
Output Low Voltage, VOL
0.4
V max
Floating State Leakage Current
±1
µA max
Floating State Output Capacitance3
10
pF max
Output Coding
Straight (Natural) Binary
SGL/DIFF = 1 with 0 V to VREF range selected
Twos Complement
SGL/DIFF = 0; SGL/DIFF = 1 with 0 V to 2 × VREF range
CONVERSION RATE
Conversion Time
14
SCLK Cycles
TBD ns with SCLK = 16 MHz
Track/Hold Acquisition Time3
100
ns max
Throughput Rate
TBD
MSPS max
POWER REQUIREMENTS
VDD
2.7/5.25
V min/V max
VDRIVE
2.7/5.25
V min/V max
IDD6
Digital I/Ps = 0 V or VDRIVE
Normal Mode (Static)
TBD
mA max
Operational, fs = 1 MSPS
3.3
mA max
VDD = 5 V
2.3
mA max
VDD = 3 V
Partial Power-Down Mode
TBD
mA max
fs = 200 kSPS
Partial Power-Down Mode
TBD
µA max
Static
Full Power-Down Mode
TBD
µA max
Power Dissipation6
Normal Mode (Operational)
16.5
mW max
VDD = 5 V
Partial Power-Down (Static)
TBD
mW max
Full Power-Down (Static)
TBD
mW max
NOTES
1 Temperature ranges as follows: -40°C to +125°C
2 See
section.
Terminology
3 Sample tested during initial release to ensure compliance.
4 Relates to Pins DCAPA or DCAPB.
5 See Reference section for DCAPA, DCAPB output impedances.
6 See Power Versus Throughput Rate section.
TIMING SPECIFICATIONS
Table 2. AVDD = DVDD = 2.7 V to 5.25 V, VDRIVE = 2.7 V to 5.25 V, TA = TMAX to TMIN, unless otherwise noted
Parameter
Limit at TMIN, TMAX
Unit
Description
fSCLK
10
kHz min
20
MHz max
tCONVERT
14 × tSCLK
ns max
tSCLK = 1/fSCLK
700
ns max
fSCLK = 20 MHz,
tQUIET
35
ns max
Minimum time between end of serial read and next falling edge of CS
t2
10
ns min
CS to SCLK setup time
t3
TBD
ns max
Delay from CS until DOUTA and DOUTB are three-state disabled
t4
TBD
ns max
Data access time after SCLK falling edge.
t5
0.4tSCLK
ns min
SCLK low pulse width
t6
0.4tSCLK
ns min
SCLK high pulse width
t7
TBD
ns min
SCLK to data valid hold time
t8
25
ns max
CS rising edge to DOUTA, DOUTB, high impedance
t9
TBD
ns min
SCLK falling edge to DOUTA, DOUTB, high impedance
TBD
ns max
SCLK falling edge to DOUTA, DOUTB, high impedance
Rev. PrA | Page 4 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com