Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7265ASU Datasheet(PDF) 6 Page - Analog Devices

Part # AD7265ASU
Description  Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7265ASU Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7265ASU Datasheet HTML 2Page - Analog Devices AD7265ASU Datasheet HTML 3Page - Analog Devices AD7265ASU Datasheet HTML 4Page - Analog Devices AD7265ASU Datasheet HTML 5Page - Analog Devices AD7265ASU Datasheet HTML 6Page - Analog Devices AD7265ASU Datasheet HTML 7Page - Analog Devices AD7265ASU Datasheet HTML 8Page - Analog Devices AD7265ASU Datasheet HTML 9Page - Analog Devices AD7265ASU Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD7265
Preliminary Technical Data
PIN CONFIGURATION AND FUNCTIONAL DESCRIPTIONS
AD7265
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
VA1
A2
AVDD
SGL/
,1..
AGND
AGND
REF SELECT
RANGE
PIN 1
IDENTIFIER
DGND
VA2
VB2
VB1
DCAPB
DCAPA
AGND
A1
Figure 2. AD7265 Pin Configuration
Table 4. AD7265 Pin Function Descriptions
Pin No.
Mnemonic
Description
4, 20
DCAPA,
DCAPB
Decoupling capacitors are connected to these pins to decouple the reference buffer for each respective ADC.. The
on-chip reference can be taken from these pins and applied externally to the rest of a system. The range of the
external reference is dependent on the analog input range selected. See the Reference Configuration Options
section.
7–12
VA1–VA6
Analog Inputs of ADC A. These may be programmed as six single-ended channels or three true differential analog
input channel pairs. See Table 6.
18–13
VB1–VB6
Analog Inputs of ADC B. These may be programmed as six single-ended channels or three true differential analog
input channel pairs. See Table 6.
27
SCLK
Serial Clock. Logic Input. A serial clock input provides the SCLK for accessing the data from the AD7265. This clock
is also used as the clock source for the conversion process.
5, 6, 19
AGND
Analog Ground. Ground reference point for all analog circuitry on the AD7265. All analog input signals and any
external reference signal should be referred to this AGND voltage. All three of these AGND pins should connect to
the AGND plane of a system. The AGND and DGND voltages ideally should be at the same potential and must not
be more than 0.3 V apart, even on a transient basis.
32
DVDD
Digital Supply Voltage, 2.7 V to 5.25 V. This is the supply voltage for all digital circuitry on the AD7265. The DVDD
and AVDD voltages should ideally be at the same potential and must not be more than 0.3 V apart even on a
transient basis. This supply should be decoupled to DGND.
31
VDRIVE
Logic power supply input. The voltage supplied at this pin determines at what voltage the interface will operate.
This pin should be decoupled to DGND. The voltage at this pin may be different to that at AVDD and DVDD but
should never exceed either by more than 0.3 V.
1, 29
DGND
Digital Ground. This is the ground reference point for all digital circuitry on the AD7265. Both DGND pins should
connect to the DGND plane of a system. The DGND and AGND voltages should ideally be at the same potential
and must not be more than 0.3 V apart, even on a transient basis.
3
AVDD
Analog Supply Voltage, 2.7 V to 5.25 V. This is the only supply voltage for all analog circuitry on the AD7265. The
AVDD and DVDD voltages should ideally be at the same potential and must not be more than 0.3 V apart, even on a
transient basis. This supply should be decoupled to AGND.
26
CS
Chip Select. Active low logic input. This input provides the dual function of initiating conversions on the AD7265
and frames the serial data transfer.
30, 28
DOUTA,
DOUTB
Serial Data Outputs. The data output is supplied to this pin as a serial data stream. The bits are clocked out on the
falling edge of the SCLK input and 14 SCLKs are required to access the data. The data appears on both pins
simultaneously from the simultaneous conversions of both ADCs. The data stream consists of one leading zero
followed by one identification bit, followed by the 12 bits of conversion data. The data is provided MSB first. If CS
is held low for 16 SCLK cycles rather than 14, then two trailing zeros will appear after the 12 bits of data. If CS is
held low for a further 16 SCLK cycles after this on either DOUTA or DOUTB, the data from the other ADC follows on
the DOUT pin. This allows data from a simultaneous conversion on both ADCs to be gathered in serial format on
either DOUTA or DOUTB alone using only one serial port. See the Serial Interface section.
Rev. PrA | Page 6 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com