Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG604 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG604
Description  1 pC Charge Injection, 100 pA Leakage CMOS 짹5 V/5 V/3 V 4-Channel Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG604 Datasheet(HTML) 1 Page - Analog Devices

  ADG604 Datasheet HTML 1Page - Analog Devices ADG604 Datasheet HTML 2Page - Analog Devices ADG604 Datasheet HTML 3Page - Analog Devices ADG604 Datasheet HTML 4Page - Analog Devices ADG604 Datasheet HTML 5Page - Analog Devices ADG604 Datasheet HTML 6Page - Analog Devices ADG604 Datasheet HTML 7Page - Analog Devices ADG604 Datasheet HTML 8Page - Analog Devices ADG604 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
ADG604
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
1 pC Charge Injection, 100 pA Leakage
CMOS
5 V/5 V/3 V 4-Channel Multiplexer
FUNCTIONAL BLOCK DIAGRAM
ADG604
S1
EN
A1
A0
14
12
4
1 OF 4
DECODER
S2 5
S3 11
S4 10
D
6
FEATURES
1 pC Charge Injection (Over the Full Signal Range)
2.7 V to
5.5 V Dual Supply
2.7 V to 5.5 V Single Supply
Automotive Temperature Range: –40 C to +125 C
100 pA Max @ 25 C Leakage Currents
85
Typ On Resistance
Rail-to-Rail Operation
Fast Switching Times
Typical Power Consumption (<0.1
W)
TTL/CMOS Compatible Inputs
14-Lead TSSOP Package
APPLICATIONS
Automatic Test Equipment
Data Acquisition Systems
Battery-Powered Instruments
Communication Systems
Sample and Hold Systems
Remote-Powered Equipment
Audio and Video Signal Routing
Relay Replacement
Avionics
GENERAL DESCRIPTION
The ADG604 is a CMOS analog multiplexer, comprising four
single channels. It operates from a dual supply of
± 2.7 V to
±5.5 V, or from a single supply of 2.7 V to 5.5 V.
The ADG604 switches one of four inputs to a common output,
D, as determined by the 3-bit binary address lines, A0, A1, and
EN. A Logic “0” on the EN pin disables the device.
The ADG604 offers ultralow charge injection of
±1.5 pC over the
entire signal range and leakage currents of 10 pA typical at 25
°C.
It offers on resistance of 85
Ω typ, which is matched to within 2 Ω
between channels. The ADG604 also has low power dissipation yet
gives high switching speeds. The ADG604 is available in a 14-lead
TSSOP package.
PRODUCT HIGHLIGHTS
1. Ultralow Charge Injection (Q INJ:
±1.5 pC Typ over the Full
Signal Range)
2. Leakage Current <0.5 nA max @ 85
°C
3. Dual
±2.7 V to ±5.5 V or Single 2.7 V to 5.5 V Supply
4. Fully Specified to 125
°C
5. Small 14-Lead TSSOP Package


Similar Part No. - ADG604

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG604YRU AD-ADG604YRU Datasheet
162Kb / 12P
1 pC Charge Injection, 100 pA Leakage CMOS 5,-5 V/5 V/3 V 4-Channel Multiplexer
REV. 0
ADG604YRUZ AD-ADG604YRUZ Datasheet
162Kb / 12P
1 pC Charge Injection, 100 pA Leakage CMOS 5,-5 V/5 V/3 V 4-Channel Multiplexer
REV. 0
ADG604 AD-ADG604_15 Datasheet
162Kb / 12P
1 pC Charge Injection, 100 pA Leakage
REV. 0
More results

Similar Description - ADG604

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG611 AD-ADG611 Datasheet
152Kb / 12P
1 pC Chanrge Injection, 100 pA Leakage, CMOS -5 V/5 V/3 V Quad SPST Switches
REV.0
ADG636 AD-ADG636 Datasheet
147Kb / 12P
1 pC Charge Injection, 100 pA Leakage CMOS 5 V/5 V/3 V Dual SPDT Switch
REV.0
logo
Vishay Siliconix
DG604 VISHAY-DG604 Datasheet
190Kb / 10P
1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
24-Dec-07
DG604 VISHAY-DG604_11 Datasheet
215Kb / 12P
1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
18-Jul-11
logo
Analog Devices
ADG611 AD-ADG611_09 Datasheet
361Kb / 16P
1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V, Quad SPST Switches
REV. A
ADG604YRUZ AD-ADG604YRUZ Datasheet
162Kb / 12P
1 pC Charge Injection, 100 pA Leakage CMOS 5,-5 V/5 V/3 V 4-Channel Multiplexer
REV. 0
ADG636YRU-REEL AD-ADG636YRU-REEL Datasheet
498Kb / 16P
1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V Dual SPDT Switch
REV. B
logo
Vishay Siliconix
DG9232E VISHAY-DG9232E Datasheet
276Kb / 12P
1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
25-Jul-16
DG9234E VISHAY-DG9234E_V01 Datasheet
277Kb / 12P
1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
25-Jul-16
DG604 VISHAY-DG604_V01 Datasheet
242Kb / 13P
1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
18-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com