Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3500 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # ADP3500
Description  CDMA Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADP3500 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button ADP3500 Datasheet HTML 14Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 15Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 16Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 17Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 18Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 19Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 20Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 21Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
ADP3500
REV.PrP 2/6/02
- 18 -
2.1.2 RESET output control and 32KHz output control
Using Voltage Detect signal, device generates 32K OUT, RSTDELAY-, RESETOUT-, and RESET signals. About 32mS after
rtc_voltage_detect (Voltage Detect signal in RTCV supply) signal goes from “0” to “1”, 32K OUT signal is generated from
internal RTC_CLK32K signal. RSTDELAY_N (RSTDELAY-) goes to “0” when rtc_voltage_detect is “0”, and it goes to “1”
at 50mS after the “0” to “1” transition of rtc_voltage_detect. RESETOUT_N (RESETOUT-) and RESET toggle their states.
Signal clk512 is a 512Hz, which generated in USEC counter block.
2.2 SERIAL INTERFACE
Serial I/F WRITE Timing
CLKIN
CS
tCKS tCSS
tCKH
tCKL
Serial
DATA
tCSR
tCSH
ADDR5
ADDR4 0 CTRL1 (W) CTRL2 (W) DATA7
1
DATA0
Serial I/F READ Timing Single Mode
CLKIN
CS
tCKS tCSS
tCKH
tCKL
Serial
DATA
tCSR
ADDR5
ADDR4
0
CTRL1 (R) CTRL2 (R)
DATA7
1
DATA0
tRD
tCSZ
Serial I/F READ Timing Continuous Mode
CLKIN
CS
tCKS tCSS
tCKH
tCKL
Serial
DATA
ADDR5
ADDR4 0 CTRL1 (R) CTRL2 (R) DATA7
1
tRD
DATA0
ADDR5
tRZ
ADDR4
Figure 9. Serial Interface signal
Table 3. Set up and Hold Specifications
Parameter
Min.
Typ.
Max
Units
Test Condition/Comments
PRELIMINARY TECHNICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com