Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBLRLC00 Datasheet(PDF) 13 Page - Red Lion Controls. Inc

Part # CBLRLC00
Description  DUAL LOOP CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CBLRLC00 Datasheet(HTML) 13 Page - Red Lion Controls. Inc

Back Button CBLRLC00 Datasheet HTML 9Page - Red Lion Controls. Inc CBLRLC00 Datasheet HTML 10Page - Red Lion Controls. Inc CBLRLC00 Datasheet HTML 11Page - Red Lion Controls. Inc CBLRLC00 Datasheet HTML 12Page - Red Lion Controls. Inc CBLRLC00 Datasheet HTML 13Page - Red Lion Controls. Inc CBLRLC00 Datasheet HTML 14Page - Red Lion Controls. Inc CBLRLC00 Datasheet HTML 15Page - Red Lion Controls. Inc CBLRLC00 Datasheet HTML 16Page - Red Lion Controls. Inc CBLRLC00 Datasheet HTML 17Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
TEMPERATURE
COOL
HEAT
SETPOINT
-100%
O2
+100%
O1
2X PROPORTIONAL
BAND
%
OUTPUT
POWER
O1
+100%
SETPOINT
DEADBAND
NEGATIVE VALUE
COOL
RELATIVE GAIN = .5
.5
1
2
RELATIVE GAIN
O2
-100%
TEMPERATURE
HEAT
%
OUTPUT
POWER
TEMPERATURE
HEAT
SETPOINT
-100%
O2
+100%
O1
DEADBAND
POSITIVE VALUE
RELATIVE GAIN
21
.5
RELATIVE GAIN = .5
COOL
%
OUTPUT
POWER
HEAT/COOL RELATIVE GAIN FIGURES
Heat/Cool Deadband = 0
Heat/Cool Deadband < 0
Heat/Cool Deadband > 0
STEP 14 PROGRAMMING THE COOLING
To enable Cooling in Heat/Cool applications, the Alarm 2 Action must first be set for Cooling. When
set to cooling, the output no longer operates as an alarm but operates as an independent cooling output.
The OP2 terminals are the same as AL2. Cooling output power ranges from -100% (full cooling) to 0%
(no cooling, unless a heat/cool deadband overlap is used). The Power Limits in the Output category also
limits the cooling power.
Cycle Time (40141/40241): This cycle time functions like the OP1 Output Cycle Time but allows
independent cycle time for cooling. A setting of zero will keep output OP2 off. The status of OP2 can
be read through registers (40016/40032).
Relative Gain (40142/40242): This defines the gain of the cooling relative to the heating. It is generally
set to balance the effects of cooling to that of heating. This is illustrated in the Heat/Cool Relative Gain
Figures. A value of 0.0 places the cooling output into On/Off Control. This may be done independent
of the OP1 Output PID or On/Off Control Modes.
Deadband (40143/40243): This defines the area in which both heating and cooling are active (negative
value) or the deadband area between the bands (positive value). If a heat/cool overlap is specified, the
percent output power is the sum of the heat power (OP1) and the cool power (OP2). If Relative Gain
is zero, the cooling output operates in the On/Off Control Mode, with the Deadband value becoming
the cooling output hysteresis (positive value only). This is illustrated in the On/Off Control Mode
section. For most applications, set this parameter to 0.0 prior to starting Auto-Tune. After the
completion of Auto-Tune, this parameter may be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com