Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCU12005 Datasheet(PDF) 8 Page - Red Lion Controls. Inc

Part # PCU12005
Description  THE PROCESS CONTROL UNIT
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PCU12005 Datasheet(HTML) 8 Page - Red Lion Controls. Inc

Back Button PCU12005 Datasheet HTML 4Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 5Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 6Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 7Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 8Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 9Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 10Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 11Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 12Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
Output Leakage Current ....................................................................75
APPENDIX “D” - MANUAL TUNING .........................................................76
Open Loop Step Response Method ...........................................................76
Closed Loop Cycling Method ................................................................77
APPENDIX “E” - CALIBRATION ............................................................78
Calibration Check .........................................................................78
Voltage Reading Check .....................................................................78
Current Reading Check .....................................................................78
Linear DC Output Check ...................................................................78
4 to 20 mA ............................................................................78
0 to 10 VDC ...........................................................................78
Second Input Check ........................................................................78
Second Analog Input Check ..............................................................78
Valve Positioner Check .................................................................78
Calibration ...............................................................................79
Configure Step 9 - Factory Service Operations (9-Fs) ........................................79
Voltage Calibration .....................................................................79
Current Calibration .....................................................................79
Analog Output Calibration (ANCL) .......................................................79
4 to 20 mA .......................................................................79
0 to 10 VDC ......................................................................79
Second Analog Input Calibration (2CAL) ..................................................80
Second Analog Input (Remote Setpoint) ...................................................80
Motorized Valve Positioner ..............................................................80
APPENDIX “F”-USER PARAMETER VALUE CHART .........................................81
APPENDIX “G” ORDERING INFORMATION
................................................84
vi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com