Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1431DR4SA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AS1431DR4SA
Description  Precision Adjustable Shunt Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS1431DR4SA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AS1431DR4SA Datasheet HTML 1Page - List of Unclassifed Manufacturers AS1431DR4SA Datasheet HTML 2Page - List of Unclassifed Manufacturers AS1431DR4SA Datasheet HTML 3Page - List of Unclassifed Manufacturers AS1431DR4SA Datasheet HTML 4Page - List of Unclassifed Manufacturers AS1431DR4SA Datasheet HTML 5Page - List of Unclassifed Manufacturers AS1431DR4SA Datasheet HTML 6Page - List of Unclassifed Manufacturers AS1431DR4SA Datasheet HTML 7Page - List of Unclassifed Manufacturers AS1431DR4SA Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
ASTEC Semiconductor
AS1431
Precision Adjustable Shunt Reference
Features
¥ Temperature-compensated: 30 ppm/¡C
¥ Trimmed 0.4% bandgap reference
¥ Internal amplifier with 150 mA capability
¥ Temperature range: Extended to Ð55
to125¡C
¥ Low frequency dynamic output
impedance: < 150 m½
¥ Low output noise
¥ Robust ESD protection
Description
The AS1431 is a three-terminal adjustable shunt regulator providing a
highly accurate 0.4% bandgap reference. The adjustable shunt regulator
is ideal for a wide variety of linear applications that can be implemented
using external components to obtain adjustable currents and voltages.
In the standard shunt configuration, the combination of low temperature
coefficient (TC), sharp turn-on characteristics, low output impedance and
programmable output voltage make this precision reference a perfect
zener diode replacement.
The AS1431 is characterized to operate over the full automotive tem-
perature range of Ð55 to 125¡C and is now available in the SOT-23 (5L)
package.
SEMICONDUCTOR
Pin Configuration Ñ Top view
Ordering Information
CATHODE
TO-92 (LP)
SOIC (D)
ANODE
REFERENCE
CATHODE
REFERENCE
ANODE
ANODE
N/C
CATHODE
ANODE
ANODE
N/C
SOT-89 (S)
SOT-23/5L (DBV)
ANODE
REFERENCE
1
2
3
4
8
7
6
5
REFERENCE
ANODE
N/C
N/C
CATHODE
Circuit Type:
Precision Adjustable
Shunt Regulator
Temperature Range:
D = –55
°C to +125°C
Bandgap Tolerance:
R4 =
±0.4%
AS1431 D R4 D 7
Packaging Option:
A
B
T
7
13
Package Style:
D
DBV
LP
S
= SOIC
= SOT-23/5L
= TO-92
= SOT-89
= Ammo Pack
= Bulk
= Tube
= Tape and Reel (7" Reel Dia)
= Tape and Reel (13" Reel Dia)


Similar Part No. - AS1431DR4SA

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS1419 AUSTIN-AS1419 Datasheet
1,010Kb / 20P
14 Bit, 800ksps Sampling A/D Converter with Shutdown
AS1419A AUSTIN-AS1419A Datasheet
1,010Kb / 20P
14 Bit, 800ksps Sampling A/D Converter with Shutdown
AS1419AECA-IT AUSTIN-AS1419AECA-IT Datasheet
1,010Kb / 20P
14 Bit, 800ksps Sampling A/D Converter with Shutdown
AS1419AECA-MIL AUSTIN-AS1419AECA-MIL Datasheet
1,010Kb / 20P
14 Bit, 800ksps Sampling A/D Converter with Shutdown
AS1419AECA-SPACE AUSTIN-AS1419AECA-SPACE Datasheet
1,010Kb / 20P
14 Bit, 800ksps Sampling A/D Converter with Shutdown
More results

Similar Description - AS1431DR4SA

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CL1431 CALOGIC-CL1431 Datasheet
78Kb / 6P
Precision Adjustable Shunt Reference
CL2431 CALOGIC-CL2431 Datasheet
64Kb / 6P
Precision Adjustable Shunt Reference
CL431 CALOGIC-CL431 Datasheet
65Kb / 6P
Precision Adjustable Shunt Reference
logo
List of Unclassifed Man...
AS2431 ETC1-AS2431 Datasheet
40Kb / 7P
Precision Adjustable Shunt Reference
AS432 ETC1-AS432 Datasheet
37Kb / 7P
1.24V Precision Adjustable Shunt Reference
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
ACE Technology Co., LTD...
ACE432 ACE-ACE432 Datasheet
248Kb / 12P
Precision adjustable shunt voltage reference
VER 1.2
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
Precision adjustable shunt voltage reference
VER 1.2
ACE432 ACE-ACE432_12 Datasheet
614Kb / 10P
Precision adjustable shunt voltage reference
VER 1.3
ACE432N ACE-ACE432N Datasheet
1Mb / 11P
Precision adjustable shunt voltage reference
VER 1.4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com