Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFT1503N Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PFT1503N
Description  THYRISTOR MODULE 150A / 300V to 600V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PFT1503N Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PFT1503N Datasheet HTML 1Page - Nihon Inter Electronics Corporation PFT1503N Datasheet HTML 2Page - Nihon Inter Electronics Corporation PFT1503N Datasheet HTML 3Page - Nihon Inter Electronics Corporation PFT1503N Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
THYRISTOR MODULE
Maximum Ratings
Approx Net Weight:305g
Grade
Parameter
Parameter
Parameter
Parameter
Symbol
PFT1503N
PFT1506N
Unit
Repetitive Peak Off-State Voltage
VDRM
300
600
Non Repetitive Peak Off-State Voltage
VDSM
400
700
V
Repetitive Peak Reverse Voltage
VRRM
300
600
Non Repetitive Peak Reverse Voltage
VRSM
400
700
V
Parameter
Parameter
Parameter
Parameter
Conditions
Conditions
Conditions
Conditions
Max Rated
Max Rated
Max Rated
Max Rated
Value
Value
Value
Value
Unit
Average Rectified Output Current
IO(AV)
50Hz Half Sine Wave condition
Tc=102
°C
150
A
RMS On-State Current
IT(RMS)
235
A
Surge On-State Current
ITSM
50 Hz Half Sine Wave,1Pulse,
Non-Repetitive
3200
A
I Squared t
I2t
2msec to 10msec
51200
A2s
Peak Gate Power
PGM
5
W
Average Gate Power
PG(AV)
1
W
Peak Gate Current
IGM
2
A
Peak Gate Voltage
VGM
10
V
Peak Gate Reverse Voltage
VRGM
5
V
Operating JunctionTemperature Range
Tjw
-40 to +150
°C
Storage Temperature Range
Tstg
-40 to +125
°C
Case mounting
Greased
M6 Screw
2.5 to 3.5
Mounting torque
Terminals
Ftor
M8 Screw
9.0 to 10.0
N•m
Value per 1 Arm
FEATURES
* 3 Phase Anode Common
Half Bridge Circuit
* High Surge Capability
* UL Recognized, File No. E187184
TYPICAL APPLICATIONS
* Rectified For General Use
PFT1 503
PFT1 503
PFT1 503
PFT1 503 N
N
N
N
PFT1 506N
PFT1 506N
PFT1 506N
PFT1 506N
OUTLINE DRAWING
150A / 300V to 600V
φ
φ


Similar Part No. - PFT1503N

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PFT1503N NIEC-PFT1503N Datasheet
217Kb / 3P
150A Avg 300~600 Volts
PFT1503N NIEC-PFT1503N_1 Datasheet
217Kb / 3P
150A Avg 300~600 Volts
logo
National Instruments Co...
PFT1503N NI-PFT1503N_15 Datasheet
217Kb / 3P
THYRISTOR
More results

Similar Description - PFT1503N

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PCH1508 NIEC-PCH1508 Datasheet
256Kb / 5P
THYRISTOR MODULE 150A/800V
PCH15012 NIEC-PCH15012 Datasheet
255Kb / 5P
THYRISTOR MODULE 150A/1200 to 1600V
PDT1518 NIEC-PDT1518 Datasheet
323Kb / 9P
THYRISTOR MODULE 150A / 800V
PDT15116 NIEC-PDT15116 Datasheet
323Kb / 9P
THYRISTOR MODULE 150A / 1600V
PFT903N NIEC-PFT903N Datasheet
238Kb / 4P
THYRISTOR MODULE 90A/300V to 600V
PFT1303N NIEC-PFT1303N Datasheet
241Kb / 4P
THYRISTOR MODULE 130A/300V to 600V
logo
MacMic
MMF150S060DA MACMIC-MMF150S060DA Datasheet
457Kb / 3P
600V 150A FRED Module
MMF150S060DK MACMIC-MMF150S060DK Datasheet
390Kb / 3P
600V 150A FRED Module
MMG150S060B6EN MACMIC-MMG150S060B6EN Datasheet
401Kb / 5P
600V 150A IGBT Module
MMK150X030DA MACMIC-MMK150X030DA Datasheet
268Kb / 3P
300V 150A Thyristor Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com