Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU7077 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU7077
Description  Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7077 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJU7077 Datasheet HTML 3Page - New Japan Radio NJU7077 Datasheet HTML 4Page - New Japan Radio NJU7077 Datasheet HTML 5Page - New Japan Radio NJU7077 Datasheet HTML 6Page - New Japan Radio NJU7077 Datasheet HTML 7Page - New Japan Radio NJU7077 Datasheet HTML 8Page - New Japan Radio NJU7077 Datasheet HTML 9Page - New Japan Radio NJU7077 Datasheet HTML 10Page - New Japan Radio NJU7077 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NJU7076/NJU7077/NJU7078
Ver.05
[
7]
■ TYPICAL CHARACTERISTICS
60
70
80
90
100
110
120
10
100
1k
10k
100k
Frequency [Hz]
CMR vs. Frequency
V+=5V, V-=0V, VIN=1Vpp, RS=100Ω, RF=10kΩ, Ta=25ºC
20
40
60
80
100
120
10
100
1k
10k
100k
Frequency [Hz]
SVR vs. Frequency
V+=5V, V-=0V, VIN=1Vpp, RS=100Ω, RF=10kΩ, Ta=25ºC
-SVR
+SVR
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
1
2
3
4
5
6
7
Supply Voltage V+ [V]
Supply Current per Amplifier vs. Supply Voltage
Gv=0dB, RL=OPEN
Ta=-40ºC
Ta=+85ºC
Ta=+25ºC
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
-50
-25
0
25
50
75
100 125 150
Ambient Temperature [ºC]
Supply Current per Amplifier vs. Temperature
Gv=0dB, RL=OPEN
V+=5V
V+=2.2V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.1
1
10
100
Output Current [mA]
Maximum Output Voltage vs. Output Current
V+=5V, V-=0V
Ta=125ºC
Ta=-40ºC
Ta=25ºC
ISOURCE
ISINK
Ta=-40ºC
Ta=25ºC
Ta=125ºC
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0.1
1
10
100
Output Current [mA]
Maximum Output Voltage vs. Output Current
V+=2.2V, V-=0V
Ta=125ºC
Ta=-40ºC
Ta=25ºC
ISOURCE
ISINK
Ta=25ºC
Ta=125ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com