Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3B3253 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3B3253
Description  Mux/DeMux NanoSwitch?
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B3253 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3B3253 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B3253 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B3253 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B3253 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3B3253 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
PS8147G
09/09/04
PI3B3253
3.3V, Dual 4:1
Mux/DeMux NanoSwitch™
Features
• Near-Zero propagation delay
• 5Ω switches connect inputs to outputs
• Fast Switching Speed: 5.2ns max.
• Ultra Low Quiescent Power (0.2µA typical)
– Ideally suited for notebook applications
• Pin compatible with 74 series 253 logic devices
• Packaging (Pb-free & Green available):
– 16-pin 150-mil wide plastic QSOP (Q)
– 16-pin 150-mil wide plastic SOIC (W)
– 16-pin 173-mil wide plastic TSSOP (L)
Block Diagram
Truth Table(1)
Enable
Select
YA
YB
Function
EA
EB
S1
S0
H
X
X
X
Hi-Z
X
Disable A
X
H
X
X
X
Hi-Z
Disable B
L
L
L
L
IA0
IB0
S1-0 = 0
L
L
L
H
IA1
IB1
S1-0 = 1
L
L
H
L
IA2
IB2
S1-0 = 2
L
L
H
H
IA3
IB3
S1-0 = 3
Description
Pericom Semiconductor’s PI3B3253 is a 3.3V, Dual4:1 Multi-
plexer/ Demultiplexer with Hi-Z outputs that is pinout compatible
with the PI74FCT253T, 74F253, and 74ALS/AS/LS 253. Inputs
can be connected to outputs with low On-Resistance (5Ω) with no
additional ground bounce noise or propagation delay.
Pin Configuration
Pin Description
Pin Name
Description
IAN, IBN
Data Inputs
S0-1
Select Inputs
EA, EB
Enable
YA, YB
Data Outputs
GND
Ground
VCC
Power
Note:
1.
H = High Voltage Level, L = Low Voltage Level
VCC
EA
1
EB
S1
2
S0
IA3
3
IB3
IA2
4
IB2
IA1
5
16
IB1
IA0
6
15
IB0
YA
7
14
YB
8
13
12
GND
11
10
9
I
Y
E
SW
IA0
EA
EB
S0
S1
IA1
IA2
IA3
IB0
IB1
IB2
IB3
YA
YB
SW
SW
SW
SW
SW
SW
SW
SW


Similar Part No. - PI3B3253

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3B3253 DIODES-PI3B3253 Datasheet
649Kb / 7P
3.3V, Dual 4:1 Mux/DeMux NanoSwitch
September 2017
logo
Pericom Semiconductor C...
PI3B3253LE PERICOM-PI3B3253LE Datasheet
431Kb / 5P
3.3V, Dual 4:1 Mux/DeMux NanoSwitch
PI3B3253LEX PERICOM-PI3B3253LEX Datasheet
431Kb / 5P
3.3V, Dual 4:1 Mux/DeMux NanoSwitch
logo
Diodes Incorporated
PI3B3253LEX DIODES-PI3B3253LEX Datasheet
649Kb / 7P
3.3V, Dual 4:1 Mux/DeMux NanoSwitch
September 2017
logo
Pericom Semiconductor C...
PI3B3253QE PERICOM-PI3B3253QE Datasheet
431Kb / 5P
3.3V, Dual 4:1 Mux/DeMux NanoSwitch
More results

Similar Description - PI3B3253

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B16224 PERICOM-PI3B16224 Datasheet
100Kb / 3P
DeMux/Mux NanoSwitch
PI3B16224 PERICOM-PI3B16224 Datasheet
67Kb / 3P
3.3V, 12-Bit to 24-Bit DeMux/Mux NanoSwitch
PI3B3257A PERICOM-PI3B3257A Datasheet
313Kb / 4P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
PI3B3257QEX PERICOM-PI3B3257QEX Datasheet
706Kb / 7P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
PI3B3253LEX PERICOM-PI3B3253LEX Datasheet
431Kb / 5P
3.3V, Dual 4:1 Mux/DeMux NanoSwitch
PI3B33X257 PERICOM-PI3B33X257_04 Datasheet
379Kb / 4P
3.3V, 24:12 Mux/DeMux NanoSwitch
PI3B3251 PERICOM-PI3B3251_09 Datasheet
342Kb / 5P
3.3V, 8:1 Mux/DeMux NanoSwitch
PI3B3257A PERICOM-PI3B3257A_11 Datasheet
469Kb / 4P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
logo
Diodes Incorporated
PI3B3253ZHDEX DIODES-PI3B3253ZHDEX Datasheet
649Kb / 7P
3.3V, Dual 4:1 Mux/DeMux NanoSwitch
September 2017
PI3B3257 DIODES-PI3B3257_V01 Datasheet
1Mb / 8P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
April 2018
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com