Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EXC Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # EXC
Description  Available in various standard connectors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

EXC Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  EXC Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ANT-DS-EXC400 0115
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability or
suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental or consequential damages of any kind. All Laird products are sold
pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird Inc. All Rights Reserved. Laird,
Laird Technologies, the Laird Logo, and other marks are trademarks or registered trademarks of Laird Inc. or an affiliate company thereof. Other product or service names may be the
property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.
EXC400
Today’s work and lifestyles require us to communicate anytime, anywhere whether on the move
or sitting still. Bluetooth and 802.11 standards make wireless connections to computer networks
and other devices possible, while at the same time enabling freedom of movement.
Laird's practical and rugged external wireless device antennas are designed to fit into the portable
devices used in office, industrial and home environments. The antennas feature flexible elements
and many are ½ wave coaxial dipole design for reduced ground dependence and improved
performance.
FEATURES
• Injection molded ¼ wave flexible cable antenna
• High durability, high efficiency
• Textured finish with strain-relief base
• Available in various standard connectors
• An original ‘Tuf Duck’ antenna
MARKETS
• For Bluetooth & IEEE 802.11b/g devices
PARAMETER
SPECIFICATION
Frequency Range
UHF Trunking/Cellular
VSWR
1.5:1 max at resonance
Polarization
Vertical
Nominal Impedance
50 ohms
Temperature Range
-40°C to +85°C
Power Rating
50 Watts
Drop Test
1 M
EXC
Two-Way Radio Antenna
PART#
FREQUENCY BAND
CONNECTORS
AVERAGE LENGTH
EXC400
400-420 MHz
BN, BNX, KR, MD, MX, MXI, SF, SFU, SM, SMV, TN & TNX 6.75” – 7.0”
EXC410
SMI
EXC420
420-450 MHz
BN, BNX, KR, MD, MX, SF, SFU, SM, SMV, TN & TNX
6.75” – 7.0”
EXC440
SMI
EXC450
450-470 MHz
BN, BNX, KR, MD, MX, MXI, SF, SFU, SM, SMV, TN & TNX 6.39” – 6.9”
EXC470
470-512 MHz
BN, BNX, KR, MD, MX, MXI, SF, SFU, SM, SMV, TN & TNX 6.13” – 6.7”
EXC806
806-866 MHz
BN, BNX, KR, MD, MX, SF, SFU, SM, SMV, TN & TNX
3.7” – 4.6”
EXC902
902-960 MHz
BN, BNX, KR, MD, MX, SF, SFU, SM, SMV, TN & TNX
3.5” – 3.65”
The EXC model antenna is available in the
following frequencies and connectors.
Order by antenna model, frequency and
connector. For example: EXC450MX.
Length of each antenna will vary according
to the connector chosen.
Specifications subject to change without notice.according to the connector chosen.
www.lairdtech.com
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com


Similar Part No. - EXC

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EXC-14CE900U PANASONIC-EXC-14CE900U Datasheet
343Kb / 12P
PRODUCT SPECIFICATION FOR APPROVAL
EXC-24CB102U PANASONIC-EXC-24CB102U Datasheet
120Kb / 4P
2 mode Noise Filters
EXC-24CE900U PANASONIC-EXC-24CE900U Datasheet
81Kb / 2P
Common mode Noise Filters
EXC-24CP221U PANASONIC-EXC-24CP221U Datasheet
116Kb / 4P
2 mode Noise Filters
EXC-28BB221U PANASONIC-EXC-28BB221U Datasheet
104Kb / 4P
Chip Bead Array
More results

Similar Description - EXC

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT_HC49_U_STANDARD ACT-ACT_HC49_U_STANDARD Datasheet
501Kb / 4P
family is available in industry standard package and specifications
20-11-2012
ACT_UM5_SMD_GULL_WING ACT-ACT_UM5_SMD_GULL_WING Datasheet
305Kb / 2P
available in industry standard package & specifications
29/06/11
logo
Vishay Siliconix
NTHS0805N06N2001JE VISHAY-NTHS0805N06N2001JE Datasheet
95Kb / 4P
Extended resistance values available in standard sizes
25-Jan-12
logo
TT Electronics.
PFC-HT TTELEC-PFC-HT Datasheet
668Kb / 2P
Available in industry standard 0603
logo
Kingbright Corporation
APHB1608CGKSYKC KINGBRIGHT-APHB1608CGKSYKC Datasheet
302Kb / 6P
Available in various color combination
logo
Laird Tech Smart Techno...
EXS LSTD-EXS Datasheet
283Kb / 1P
Available in various standard connectors
logo
List of Unclassifed Man...
C30617 ETC2-C30617 Datasheet
647Kb / 7P
Available in various packages
logo
WALSIN TECHNOLOGY CORPO...
SG31B104K500CT WALSIN-SG31B104K500CT Datasheet
3Mb / 16P
Available for any item in standard series range
logo
Schneider Electric
84CF SCHNEIDER-84CF Datasheet
123Kb / 1P
Multivariable Vortex flowmeter available with various connections, LCD indicator
Apr 26, 2022
logo
C&K Components
CCM01-6101 CK-COMPONENTS-CCM01-6101 Datasheet
168Kb / 3P
Available in standard or reverse card
2008
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com