Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC568 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC568
Description  Low Power Phase-Locked Loop
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC568 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMC568 Datasheet HTML 1Page - National Semiconductor (TI) LMC568 Datasheet HTML 2Page - National Semiconductor (TI) LMC568 Datasheet HTML 3Page - National Semiconductor (TI) LMC568 Datasheet HTML 4Page - National Semiconductor (TI) LMC568 Datasheet HTML 5Page - National Semiconductor (TI) LMC568 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Test Circuit
RtCt
Rt
Ct
#1
100k
300 pF
#2
10k
300 pF
#3
5.1k
62 pF
Notes to Typical Application
SUPPLY DECOUPLING
The decoupling of supply pin 4 becomes more critical at high
supply voltages with high operating frequencies, requiring
C4 to be placed as close to possible to pin 4. Also, due to pin
voltages tracking supply, a large C4 is necessary for low fre-
quency PSRR.
OSCILLATOR TIMING COMPONENTS
The voltage-controlled oscillator (VCO) on the LMC568 must
be set up to run at twice the frequency of the input signal.
The components shown in the typical application are for F
osc
= 200 kHz (100 kHz input frequency). For operation at lower
frequencies, increase the capacitor value; for higher fre-
quencies proportionally reduce the resistor values.
If low distortion is not a requirement, the series diode/resistor
between pins 6 and 5 may be omitted. This will reduce VCO
supply dependence and increase V
out by approximately 2 dB
with THD = 2% typical. The center frequency as a function of
Rt and Ct is given by:
To allow for I.C. and component value tolerences, the oscil-
lator timing components will require a trim. This is generally
accomplished by using a variable resistor as part of Rt, al-
though Ct could also be padded. The amount of initial fre-
quency variation due to the LMC568 itself is given in the
electrical specifications; the total trim range must also ac-
commodate the tolerances of Rt and Ct.
INPUT PIN
The input pin 3 is internally ground-referenced with a nomi-
nal 40 k
Ω resistor. Signals that are centered on 0V may be
directly coupled to pin 3; however, any d.c. potential must be
isolated via C3.
OUTPUT TAKEOFF
The output signal is taken off the loop filter at pin 2. Pin 2 is
the combined output of the phase detector and control input
of the VCO for the phase-locked loop (PLL). The nominal pin
2 source resistance is 80 k
Ω, requiring the use of an external
buffer transistor to drive nominal loads.
For small values of C2, the PLL will have a fast acquisition
time and the pull-in range will be set by the built-in VCO fre-
quency stops, which also determine the largest detection
bandwidth (LDBW). Increasing C2 results in improved noise
immunity at the expense of acquisition time, and the pull-in
range will become narrower than the LDBW. However, the
maximum hold-in range will always equal the LDBW. The 2
kHz de-emphasis pole shown may be modified or omitted as
required by the application.
CARRIER DETECT
Pin 1 is the output of a negative-going amplitude detector
which has a nominal 0 signal output of 7/9 V
s. The output at
pin 8 is an N-channel FET switch to ground which is acti-
vated when the PLL is locked and the input is of sufficient
amplitude to cause pin 1 to fall below 2/3 V
s. The carrier de-
tect threshold is internally set to 26 mVrms typical on a 5V
supply.
Capacitor C1 in conjunction with the nominal 40 k
Ω pin 1 in-
ternal resistance forms the output filter. The size of C1 is a
tradeoff between slew rate and carrier ripple at the output
comparator. Optional resistor R
H increases the hysteresis in
the pin 8 output for applications such as audio mute control.
The minimum allowable value for R
H is 330 kΩ.
DS009135-3
www.national.com
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com