Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5A100Q Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI5A100Q
Description  Precision, Wide-Bandwidth Quad SPDT Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A100Q Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI5A100Q Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A100Q Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A100Q Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A100Q Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A100Q Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A100Q Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A100Q Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A100Q Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A100Q Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
PS7012H
08/30/04
PI5A100
Precision, Wide-Bandwidth, Quad SPDT Analog Switch
Electrical Specifications - Single +3.3V Supply (VCC = +5V ±10%, GND = 0V, VINH = 2.4V, VINL = 0.8V)
Parameter
Symbol
TestConditions
Temp. Min.(1) Typ.(2) Max.(1) Units
Analog Switch
Analog Switch Range(1)
0
VCC
V
On-Resistance
RON
VCC = 4.5V, ICOM = -30mA,
VNO or VNC = +2.5V
25
12
18
Ω
Full
On-Resistance Match Be-
tween Channels(6)
∆RON
25
5
Full
On-Resistance Flatness(5)
RFLAT(ON)
VCC = 5V, ICOM = -30mA,
VNO or VNC = +2.5V
25
2
4
Full
5
Dynamic
Turn-On Time
tON
VCC = 5V, See Figure 1
25
14
25
ns
Full
40
Turn-Off Time
tOFF
25
4.5
12
Full
20
Charge Injection(3)
Q
CL = 1nF, VGEN = 0V,
RGEN = 0Ω, See Figure 2
25
5
10
pC
Supply
Postitive Supply Current
ICC
VCC = 3.6V, VIN = 0V or VCC,
all channels on or off
Full
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com