Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5A3158 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5A3158
Description  SOTINYTM Low Voltage Dual SPDT Analog Switch 2:1 Mux/DeMux Bus Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A3158 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5A3158 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A3158 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A3158 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A3158 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A3158 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A3158 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A3158 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
PS8637B
07/26/04
PI5A3158
SOTINYTM Low Voltage Dual SPDT Analog Switch
2:1 Mux/DeMux Bus Switch
DC Electrical Characteristics (Over the Operating temperature range, TA = –40°C to 85°C) (continued)
Parameters
Description
Test Conditions
Supply Voltage
Temp
Min. Typ. Max. Units
∆RON
On-Resistance
Match Between
Channels(4, 5, 6)
IA = -30mA, VBN = 3.15V
4.5V
TA = 25ºC
0.15
Ω
IA = -24mA, VBN = 2.1V
3.0V
0.2
IA = -8mA, VBN = 1.6V
2.3V
0.3
IA = -4mA, VBN = 1.15V
1.65V
0.3
RONF
On-Resistance
Flatness(4, 5, 7)
IA = -30mA, 0 ≤ VBN ≤ VCC
5.0V
TA = 25ºC
6
IA = -24mA, 0 ≤ VBN ≤ VCC
3.3V
12
IA = -8mA, 0 ≤ VBN ≤ VCC
2.5V
22
IA = -4mA, 0 ≤ VBN ≤ VCC
1.8V
90
VIH
Input High Volt-
age
Logic High Level
VCC = 1.65V to
1.95V
TA = -40ºC
to 85ºC
0.75
VCC
V
VCC = 2.3V to
5.5V
0.7
VCC
VIL
Input Low Volt-
age
Logic LowLevel
VCC = 1.65V to
1.95V
VCC = 2.3V to
5.5V
Input Leakage
Curent
0 ≤ VIN ≤ 5.5V
VCC ≤ 0V ≤ 5.5V
TA = 25ºC
±0.1
µA
TA = -40ºC
to 85ºC
±1.0
IOFF
OFF State
Leakage Cur-
rent
0 ≤ VIN ≤ 5.5V
VCC ≤ 1.65V ≤
5.5V
TA = 25ºC
±0.1
TA = -40ºC
to 85ºC
±10
ICC
Quiescent Sup-
ply Current
All Channels ON or OFF,
VIN = VCC or GND, IOUT
= 0
VCC = 5.5V
TA = 25ºC
2
TA = -40ºC
to 85ºC
20
Notes:
4. Measured by voltage drop between A and B pins at the indicated current through the device. On-Resistance is determined by the lower of the
voltages on two ports (A or B).
5. Parameter is characterized but not tested in production.
6. ΔRON = RON max – RON min. measured at identical VCC, temperature and voltage levels.
7. Flatness is defined as difference between maximum and minimum value of On-Resistance over the specified range of conditions.
8. Guaranteed by design.
Capacitance(12)
Parameters
Description
Test Conditions
Supply
Voltage
Temp
Min.
Typ.
Max.
Units
CIN
Controll Input
VCC = 5.0V TA = 25ºC
2.3
pF
CIO-B
For B Port, Switch OFF
f = 1 MHz(12)
6.5
CIOA-ON
For A Port, Switch ON
18.5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com