Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC272CMM Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC272CMM
Description  CMOS Dual Low Cost Rail to Rail Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC272CMM Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMC272CMM Datasheet HTML 2Page - National Semiconductor (TI) LMC272CMM Datasheet HTML 3Page - National Semiconductor (TI) LMC272CMM Datasheet HTML 4Page - National Semiconductor (TI) LMC272CMM Datasheet HTML 5Page - National Semiconductor (TI) LMC272CMM Datasheet HTML 6Page - National Semiconductor (TI) LMC272CMM Datasheet HTML 7Page - National Semiconductor (TI) LMC272CMM Datasheet HTML 8Page - National Semiconductor (TI) LMC272CMM Datasheet HTML 9Page - National Semiconductor (TI) LMC272CMM Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
10V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 10V, V− = 0V, V
CM = VO = V
+/2, R
L to ground and RL >
1M
Ω. Boldface limits apply at the temperature extremes
Typ
LMC272C
Symbol
Parameter
Conditions
(Note 5)
Limit
Units
(Note 6)
V
OS
Input Offset Voltage
V
O = 1.4V, RS = 50,
2.1
7
mV
R
L = 10k, VCM = 0V
9
max
TCV
OS
Temp. Coefficient of
T
A = 0˚C to 70˚C
3.6
µV/˚C
Input Offset Voltage
I
B
Input Bias Current
1
64
pA
max
I
OS
Input Offset Current
0.5
32
pA
max
CMRR
Common Mode
V
CM = −0.2V to 8.5V
77
65
dB
Rejection Ratio
60
min
PSRR
Power Supply
V+ = 5V to 10V, V
O = 1.4V
88
65
dB
Rejection Ratio
60
min
V
CM
Input Common-Mode
CMRR
≥ 50 dB
9.2
9
V
Voltage Range
8.5
min
−0.3
−0.2
V
−0.2
max
A
V
Large Signal Voltage
V
O = 1V to 6V, RL = 10k
95
85
dB
Gain
78
min
V
O
Output Swing
R
L = 10 kΩ,VID = 100 mV
9.93
9.85
V
(Note 11)
9.75
min
V
ID = −100 mV
33
45
mV
(Note 11)
50
max
I
SC
Output Short Circuit
Sourcing, V
ID = 100 mV
55
mA
Current
(Note 11)
Sinking, V
ID = −100 mV
25
mA
(Note 11)
I
S
Total Supply Current
2.25
3.6
mA
4.0
max
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com