Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XT40.721 Datasheet(PDF) 17 Page - PULS GmbH

Part # XT40.721
Description  THREE-PHASE INPUT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

XT40.721 Datasheet(HTML) 17 Page - PULS GmbH

Back Button XT40.721 Datasheet HTML 11Page - PULS GmbH XT40.721 Datasheet HTML 12Page - PULS GmbH XT40.721 Datasheet HTML 13Page - PULS GmbH XT40.721 Datasheet HTML 14Page - PULS GmbH XT40.721 Datasheet HTML 15Page - PULS GmbH XT40.721 Datasheet HTML 16Page - PULS GmbH XT40.721 Datasheet HTML 17Page - PULS GmbH XT40.721 Datasheet HTML 18Page - PULS GmbH XT40.721 Datasheet HTML 19Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
XT40.721, XT40.722
– X-Series
72V, 13A, THREE-PHASE INPUT
Jan. 2007 / Rev. 1.0 DS-XT40.72x-EN All parameters are specified at 72V 13.3A, 3x400Vac (XT40.721) or 3x480Vac (XT40.722),
25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
17/19
25.5. BACK-FEEDING LOADS
Loads such as decelerating motors and inductors can feed voltage back to the power supply. This feature is also called
return voltage immunity or resistance against Back- E.M.F. (Electro Magnetic Force).
This power supply is resistant and does not show adverse effects when a load feeds back voltage to the power supply.
It does not matter, whether the power supply is on or off.
If the power supply is fully loaded after a return-feeding event, the output voltage can dip to 21V for approx 20ms.
The maximum allowed feed back voltage is 87.9Vdc. The absorbing energy can be calculated according to the built-in
large sized output capacitor which is specified in chapter 7.
25.6. PARALLEL USE TO INCREASE OUTPUT POWER
The XT40 Series of power supplies shall not be paralleled to increase the output power.
25.7. PARALLEL USE FOR REDUNDANCY
Power supplies can be paralleled for a 1+1 redundancy to gain a higher system availability and reliability. Redundant
systems require a certain amount of extra power to support the load in case one power supply unit fails. The simplest
way is to put two X-Series power supplies in parallel which is called a 1+1 redundancy. In case one power supply unit
fails, the other one is automatically able to support the load current without any interruption.
Please note: This simple way to build a redundant system does not cover failures such as an internal short circuit on
the secondary side of the power supply. In such a condition, the shorted unit becomes a load for the other power
supplies and the output voltage can not be maintained. This can be avoided by utilizing decoupling diodes.
Recommendations for building redundant power systems:
a)
Use separate input fuses for each power supply.
b)
Monitor the individual power supply units.
25.8. SERIES OPERATION
The power supplies of the X-Series can be put in series to increase the output voltage.
Fig. 25-1 Schematic for series operation
Installation notes for use in series:
Unit B
-
+
Load
+
-
AC
DC
AC
DC
-
+
Unit A
Earth
(see notes)
a)
It is possible to connect as many units in series as needed,
providing the sum of the output voltage does not exceed
150Vdc.
b)
Voltages with a potential above 60Vdc are no longer rated SELV
and can be hazardous in some situations. Such voltages must be
installed with a protection to make the unit touch-safe.
c)
For serial operation use power supplies of the same type.
d)
Earthing of the output is required when the sum of the output
voltage is above 60Vdc.
e)
Keep an installation clearance of 15mm (left/right) between two
power supplies and avoid installing the power supplies on top of
each other.
Note: Avoid return voltage (e.g. from a decelerating motor or
battery) which is applied to the output terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com