Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YR40.245 Datasheet(PDF) 9 Page - PULS GmbH

Part # YR40.245
Description  SINGLE REDUNDANCY MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

YR40.245 Datasheet(HTML) 9 Page - PULS GmbH

Back Button YR40.245 Datasheet HTML 5Page - PULS GmbH YR40.245 Datasheet HTML 6Page - PULS GmbH YR40.245 Datasheet HTML 7Page - PULS GmbH YR40.245 Datasheet HTML 8Page - PULS GmbH YR40.245 Datasheet HTML 9Page - PULS GmbH YR40.245 Datasheet HTML 10Page - PULS GmbH YR40.245 Datasheet HTML 11Page - PULS GmbH YR40.245 Datasheet HTML 12Page - PULS GmbH YR40.245 Datasheet HTML 13Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
YR40.245
Y-Series
12-28V, 40A, SINGLE REDUNDANCY MODULE
8. FUNCTIONAL DIAGRAM
Fig. 8-1 Functional diagram
+
-
+
-
Input
control
Chassis
Ground
Output
9. FRONT SIDE AND USER ELEMENTS
Fig. 9-1 Front side
A
Output Terminals (pluggable screw terminals)
B
Chassis Ground Terminals
To be connected on the top side of the housing with a ring-type terminal
(ring cable lug) which is suitable for a M4 screw.
Connection of the chassis is optional and not required since the unit fulfils
the requirements according to protection class III.
C
Input Terminals (screw terminals)
Apr. 2014 / Rev. 1.1 DS-YR40.245-EN
All parameters are specified at 24V, 40A output current, 25°C ambient and after a 5 minutes run-in time unless otherwise noted
www.pulspower.com Phone +49 89 9278 0
Germany
9/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com