Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC272CMMX Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC272CMMX
Description  CMOS Dual Low Cost Rail to Rail Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC272CMMX Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LMC272CMMX Datasheet HTML 8Page - National Semiconductor (TI) LMC272CMMX Datasheet HTML 9Page - National Semiconductor (TI) LMC272CMMX Datasheet HTML 10Page - National Semiconductor (TI) LMC272CMMX Datasheet HTML 11Page - National Semiconductor (TI) LMC272CMMX Datasheet HTML 12Page - National Semiconductor (TI) LMC272CMMX Datasheet HTML 13Page - National Semiconductor (TI) LMC272CMMX Datasheet HTML 14Page - National Semiconductor (TI) LMC272CMMX Datasheet HTML 15Page - National Semiconductor (TI) LMC272CMMX Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Application Information (Continued)
Single Supply Wein_Bridge Oscillator with Amplitude and Frequency Adjustment
DS012867-4
f(range) = 6.4 kHz to 30 kHz
Amplitude Adjustment (range) = 2.8 VPP to 8.6 VPP
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com