Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C2972 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6C2972
Description  Low Voltage PLL Clock Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2972 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI6C2972 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2972 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2972 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2972 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2972 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2972 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C2972 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
PS8590C
09/22/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2972
Low Voltage PLL Clock Driver
Notes:
7. 50 Ohm transmission line terminated into VCC/2
8. tpd is specified for a 50 MHz input reference. The window will shrink/grow proportionally from the minimum limit with shorter/
longer input reference periods. The tpd does not include jitter.
l
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
x
a
Ms
t
i
n
U
f
t
,r
ts
ll
a
F
/
e
s
i
R
t
u
p
n
I
K
L
C
T0
.
3s
n
f
e
r
f5
e
t
o
Ny
c
n
e
u
q
e
r
F
t
u
p
n
I
e
c
n
e
r
e
f
e
R5
e
t
o
N5
e
t
o
N
,
0
0
1z
H
M
C
D
f
e
r
fe
l
c
y
C
y
t
u
D
t
u
p
n
I
e
c
n
e
r
e
f
e
R5
25
7%
l
a
t
x
ty
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O
l
a
t
s
y
r
C0
15
2z
H
M
PLL Input Reference Characteristic (TA = 0°C to 70°C)
Notes:
5. Maximum input reference frequency is limited by the VCO lock range and the feedback divider or 100 MHz,
minimum input reference frequency is limited by the VCO lock range and the feedback divider.
l
o
b
m
y
Ss
c
i
t
s
i
r
e
t
c
a
r
a
h
Cs
n
o
i
t
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
t
,r
t f
)
7
e
t
o
N
(
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
OV
0
.
2
o
t
8
.
05
1
.
02
.
1s
n
t w
p
)
7
e
t
o
N
(
e
l
c
y
C
y
t
u
D
t
u
p
t
u
O
t
E
L
C
Y
C
2
/
0
5
7
–
t
E
L
C
Y
C
2
/
0
0
5
±
t
E
L
C
Y
C
2
/
0
5
7
+
s
p
t d
p
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P
=
B
F
Q
,
8
,
7
s
e
t
o
N
÷8
0
K
L
C
T
1
K
L
C
T
0
7
2
–
0
3
3
–
0
3
1
0
7
0
3
5
0
7
4
t s
o
w
e
k
S
t
u
p
t
u
O
-
o
t
-
t
u
p
t
u
O7
e
t
o
N0
5
5
f O
C
V
e
g
n
a
R
k
c
o
L
O
C
V
7
e
t
o
N
0
0
20
8
4
z
H
M
f x
a
m
)
2
÷
(
Q
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
m
u
m
i
x
a
M
)
4
÷
(
Q
)
6
÷
(
Q
)
8
÷
(
Q
5
2
1
0
2
1
0
8
0
6
r
e
tt
ij
t)
k
a
e
P
–
o
t
–
k
a
e
P
(
r
e
tt
i
J
e
l
c
y
C
–
o
t
–
e
l
c
y
C
0
0
1
±s
p
t Z
L
P
t
,
Z
H
P
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O2
8
s
n
t L
Z
P
t, H
Z
P
e
m
I
T
e
l
b
a
N
E
t
u
p
t
u
O2
0
1
t k
c
o
l
e
m
i
T
k
c
o
L
L
L
P
m
u
m
i
x
a
M
0
1s
m
f
X
A
M
y
c
n
e
u
q
e
r
F
k
l
C
_
z
r
F
m
u
m
i
x
a
M
0
2z
H
M
AC Characteristics (TA = 0°C to 70°C, VCC = 3.3V ± 5%)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com