Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C2972FC Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6C2972FC
Description  Low Voltage PLL Clock Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2972FC Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6C2972FC Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2972FC Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2972FC Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2972FC Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2972FC Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2972FC Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C2972FC Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
PS8590C
09/22/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2972
Low Voltage PLL Clock Driver
l
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cc
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
V H
I
e
g
a
tl
o
V
H
G
I
H
t
u
p
n
I0
.
26
.
3
V
V L
I
e
g
a
tl
o
V
W
O
L
t
u
p
n
I8
.
0
V H
O
I H
O
A
m
0
2
=
)
2
(
e
g
a
tl
o
V
H
G
I
H
t
u
p
t
u
O4
.
2
V L
O
I L
O
A
m
0
2
=
)
2
(
e
g
a
tl
o
V
W
O
L
t
u
p
t
u
O5
.
0
I N
I
3
e
t
o
Nt
n
e
r
r
u
C
t
u
p
n
I0
2
1
±
Α
µ
I C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
t
n
e
c
s
e
i
u
Q
m
u
m
i
x
a
M0
9
15
1
2
A
m
I A
C
C
V
g
o
l
a
n
A
C
C
t
n
e
r
r
u
C5
10
2
C N
I
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
I4
F
p
C d
p
t
u
p
t
u
O
r
e
Pe
c
n
a
ti
c
a
p
a
C
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P5
2
Notes:
1. VCMR is the difference from the most positive side of the differential input signal. Normal operation is obtained when
the “High” input is within the VCMR range and the input lies within the VPP specification.
2. The PI6C2972 outputs can drive series or parallel terminated 50 Ohm (or 50 Ohm to VCC/2) transmission lines on the
incident edge.
3. Inputs have pull–up/pull–down resistors which affect input current.
4. Special thermal handling may be required in some configurations.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P.
n
i
M.
x
a
Ms
t
i
n
U
V C
C
e
g
a
tl
o
V
y
l
p
p
u
S3
.
0
–6
.
4V
VI
e
g
a
tl
o
V
t
u
p
n
I3
.
0
–V D
D
3
.
0
+V
I N
I
t
n
e
r
r
u
C
t
u
p
n
I0
2
±A
m
T
R
O
T
S
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S0
4
–5
2
1C
°
*Absolute maximum continuous ratings are those values beyond which damage to the device may occur.
Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability.
Functional operation under absolute-maximum-rated conditions is not implied.
DC Characteristics (TA = 0°C to 70°C, VCC = 3.3V ± 5%)(4)
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com