Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1075 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1075
Description  EconOscillator/Divider
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1075 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1075 Datasheet HTML 1Page - Dallas Semiconductor DS1075 Datasheet HTML 2Page - Dallas Semiconductor DS1075 Datasheet HTML 3Page - Dallas Semiconductor DS1075 Datasheet HTML 4Page - Dallas Semiconductor DS1075 Datasheet HTML 5Page - Dallas Semiconductor DS1075 Datasheet HTML 6Page - Dallas Semiconductor DS1075 Datasheet HTML 7Page - Dallas Semiconductor DS1075 Datasheet HTML 8Page - Dallas Semiconductor DS1075 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DS1075
3 of 18
PIN DESCRIPTIONS
Input/Output Pin (IN/OUT): This pin is the main oscillator output, with a frequency determined by clock
reference, M and N dividers. Except in programming mode this pin is always an output and will be
referred to as “OUT”. In programming mode this pin will be referred to as “IN”.
External Oscillator Input (OSCIN): This pin can be used to supply an external reference frequency to
the device.
Crystal Oscillator Connection (XTAL): A crystal can be connected between this pin and OSCIN to
provide an alternative frequency reference. If a crystal is not used this pin should be left open.
Output Enable Function (OE pin): The DS1075 also features a “synchronous” output enable. When
OE is at a high logic level the oscillator free runs. When this pin is taken low OUT is held low,
immediately if OUT is already low, or at it’s next high-to-low transition if OUT is high. This prevents
any possible truncation of the output pulse width when the enable is used. While the output is disabled
the master oscillator continues to run (producing an output at OUT0, if the EN0 bit = 0) but the internal
counters (/N) are reset. This results in a constant phase relationship between OE’s return to a high level
and the resulting OUT signal. When the enable is released OUT will make its first transition within one
to two clock periods of the master clock.
Power-Down/Select Function ( PDN / SELX PDN/SELX pin): The Power-Down/Select ( PDN / SELX ) pin
has a user-selectable function determined by one bit ( PDN bit) of the user-programmable memory.
According to which function is selected, this pin will be referred to as PDN or SELX .
If the Power-Down function is selected (PDN bit = 1) a low logic level on this pin can be used to make
the device stop oscillating (active low) and go into a reduced power consumption state. The “Enabling
Sequencer” circuitry will first disable OUT in the same way as when OE is used. Next OUT0 will be
disabled in a similar fashion. Finally the oscillator circuitry will be disabled. In this mode both outputs
will go into a high impedance state. The power consumption in the power-down state is much less than if
OE is used because the internal oscillator (if used) is completely powered down. Even if an external
reference or a crystal is used all of the on-chip buffers are powered down to minimize current drain.
Consequently the device will take considerably longer to recover (i.e., achieve stable oscillation) from a
power-down condition than if the OE is used.
If the Select function is chosen (PDN bit = 0) this pin can be used to switch between the internal
oscillator and an external reference (or crystal) on the fly. When this mode is chosen the E/ I select bit is
overridden, a high logic level on SELX will select the internal oscillator, a low logic level will select the
external reference (or crystal oscillator).
Reference Output (OUT0 pin): A reference output, OUT0, is also available from the output of the
reference select mux. This output is especially useful as a buffered output of a crystal defined master
frequency. OUT0 is unaffected by the OE pin, but is disabled in a glitchless fashion if the device is
powered down. If this output is not required it can be permanently disabled by setting the EN0 bit to one,
and there will be a corresponding reduction in overall power consumption.
USER-PROGRAMMABLE REGISTERS
The following registers can be programmed by the user to determine operating frequency and mode of
operation. Details of how these registers are programmed can be found in a later section, in this section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com