Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6024IM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6024IM
Description  Low Power CMOS Quad Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6024IM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMC6024IM Datasheet HTML 1Page - National Semiconductor (TI) LMC6024IM Datasheet HTML 2Page - National Semiconductor (TI) LMC6024IM Datasheet HTML 3Page - National Semiconductor (TI) LMC6024IM Datasheet HTML 4Page - National Semiconductor (TI) LMC6024IM Datasheet HTML 5Page - National Semiconductor (TI) LMC6024IM Datasheet HTML 6Page - National Semiconductor (TI) LMC6024IM Datasheet HTML 7Page - National Semiconductor (TI) LMC6024IM Datasheet HTML 8Page - National Semiconductor (TI) LMC6024IM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DC Electrical Characteristics (Continued)
The following specifications apply for V
+ = 5V, V− = 0V, V
CM = 1.5V, VO = 2.5V, and RL = 1M unless otherwise noted. Bold-
face limits apply at the temperature extremes; all other limits T
J = 25˚C.
Typical
LMC6024I
Symbol
Parameter
Conditions
(Note 5)
Limit
Units
(Note 6)
V
O
Output Voltage Swing
V
+ = 5V
4.987
4.40
V
R
L = 100 kΩ to 2.5V
4.43
Min
0.004
0.06
V
0.09
Max
V
+ = 5V
4.940
4.20
V
R
L = 5kΩ to 2.5V
4.00
Min
0.040
0.25
V
0.35
Max
V
+ = 15V
14.970
14.00
V
R
L = 100 kΩ to 7.5V
13.90
Min
0.007
0.06
V
0.09
Max
V
+ = 15V
14.840
13.70
V
R
L = 5kΩ to 7.5V
13.50
Min
0.110
0.32
V
0.40
Max
I
O
Output Current
V
+ = 5V
22
13
mA
Sourcing, V
O = 0V
9
Min
Sinking V
O = 5V
21
13
mA
(Note 2)
9
Min
V
+ = 15V
40
23
mA
Sourcing, V
O = 0V
15
Min
Sinking, V
O = 13V
39
23
mA
(Note 12)
15
Min
I
S
Supply Current
All Four Amplifiers
160
240
µA
V
O = 1.5V
280
Max
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com