Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6034 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6034
Description  CMOS Quad Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6034 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMC6034 Datasheet HTML 1Page - National Semiconductor (TI) LMC6034 Datasheet HTML 2Page - National Semiconductor (TI) LMC6034 Datasheet HTML 3Page - National Semiconductor (TI) LMC6034 Datasheet HTML 4Page - National Semiconductor (TI) LMC6034 Datasheet HTML 5Page - National Semiconductor (TI) LMC6034 Datasheet HTML 6Page - National Semiconductor (TI) LMC6034 Datasheet HTML 7Page - National Semiconductor (TI) LMC6034 Datasheet HTML 8Page - National Semiconductor (TI) LMC6034 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Typical Performance Characteristics V
S = ±7.5V, TA = 25˚C unless otherwise specified (Continued)
Applications Hint
Amplifier Topolgy
The topology chosen for the LMC6034, shown in
Figure 1,is
unconventional (compared to general-purpose op amps) in
that the traditional unity-gain buffer output stage is not used;
instead, the output is taken directly from the output of the in-
tegrator, to allow a larger output swing. Since the buffer tra-
ditionally delivers the power to the load, while maintaining
high op amp gain and stability, and must withstand shorts to
either rail, these tasks now fall to the integrator.
As a result of these demands, the integrator is a compound
affair with an embedded gain stage that is doubly fed forward
(via C
f and Cff) by a dedicated unity-gain compensation
driver. In addition, the output portion of the integrator is a
push-pull configuration for delivering heavy loads. While
sinking current the whole amplifier path consists of three
gain stages with one stage fed forward, whereas while
sourcing the path contains four gain stages with two fed
forward.
Output Characteristics
Current Sourcing
DS011134-27
Input Voltage Noise
vs Frequency
DS011134-28
CMRR vs Frequency
DS011134-29
Open-Loop Frequency
Response
DS011134-30
Frequency Response
vs Capacitive Load
DS011134-31
Non-Inverting Large Signal
Pulse Response
DS011134-32
Stability vs
Capacitive Load
DS011134-33
Stability vs
Capacitive Load
DS011134-34
Note: Avoid resistive loads of less than 500
Ω, as they may cause instability.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com