Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2120B Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS2120B
Description  Ultra3 LVD SCSI Terminator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2120B Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS2120B Datasheet HTML 2Page - Dallas Semiconductor DS2120B Datasheet HTML 3Page - Dallas Semiconductor DS2120B Datasheet HTML 4Page - Dallas Semiconductor DS2120B Datasheet HTML 5Page - Dallas Semiconductor DS2120B Datasheet HTML 6Page - Dallas Semiconductor DS2120B Datasheet HTML 7Page - Dallas Semiconductor DS2120B Datasheet HTML 8Page - Dallas Semiconductor DS2120B Datasheet HTML 9Page - Dallas Semiconductor DS2120B Datasheet HTML 10Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DS2120
6 of 10
Table 1. PIN DESCRIPTION
DS2120E 28-Pin TSSOP
PIN
NAME
DESCRIPTION
1
VREF
Regulator Output Voltage. 1.25V reference in LVD mode; must be
decoupled with a 4.7µF cap.
2–5, 7–12,
18–21, 23–26
RxP, RxN
Signal Termination. Connect to SCSI bus signal lines.
6, 22
HS_GND
Heat Sink Ground. Internally connected to the mounting pad. Should be
connected to ground.
13
ISO
Isolation. When pulled high, terminating resistors and biasing current sources
are isolated from the SCSI bus.
14
GND
Signal Ground.
15
MSTR/SLV
Master/Slave. Mode select for the noncontrolling terminator. When pulled
high (MSTR), the DIFFSENS driver is enabled.
16
DIFFSENSE
DIFFSENSE. Output to drive the SCSI bus DIFFSENS line.
17
DIFF_CAP
DIFFSENSE Capacitor. Connect a 0.1
µF capacitor for DIFFSENSE filter.
Input to detect the type of device (differential or single -ended) on the SCSI
bus.
27, 28
TPWR
Termination Power. Connect to the SCSI TERMPWR line and decouple with
2.2
µF capacitor.
DS2120B 36-Pin SSOP
PIN
NAME
DESCRIPTION
1
VREF
Regulator Output Voltage. 1.25V reference in LVD mode; must be
decoupled with a 4.7µF cap.
2, 3, 33, 35
NC
No Connect. Do not connect pins.
4–7, 11–16,
22–25, 29–32
RxP, RxN
Signal Termination. Connect to SCSI bus signal lines.
8–10, 26–28
HS_GND
Heat Sink Ground. Internally connected to the mounting pad. Should be
connected to ground.
17
ISO
Isolation. When pulled high, terminating resistors and biasing current sources
are isolated from the SCSI bus.
18
GND
Signal Ground.
19
MSTR/SLV
Master/Slave. Mode select for the noncontrolling terminator. When pulled
high (MSTR), the DIFFSENS driver is enabled.
20
DIFFSENSE
DIFFSENSE. Output to drive the SCSI bus DIFFSENS line.
21
DIFF_CAP
DIFFSENSE Capacitor. Connect a 0.1
µF capacitor for DIFFSENSE filter.
Input to detect the type of device (differential or single ended) on the SCSI
bus.
34
LVD
Low-Voltage Differential. Output of DIFFSENSE receiver; output high
indicates LVD bus operation .
36
TPWR
Termination Power. Connect to the SCSI TERMPWR line and decouple with
2.2
µF capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com